Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-1003CA43I-M5T1U Datasheet(PDF) 31 Page - ABLIC Inc.

Part # S-1003CA43I-M5T1U
Description  MANUAL RESET BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) HIGH-ACCURACY VOLTAGE DETECTOR
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABLIC [ABLIC Inc.]
Direct Link  https://www.ablic.com
Logo ABLIC - ABLIC Inc.

S-1003CA43I-M5T1U Datasheet(HTML) 31 Page - ABLIC Inc.

Back Button S-1003CA43I-M5T1U Datasheet HTML 27Page - ABLIC Inc. S-1003CA43I-M5T1U Datasheet HTML 28Page - ABLIC Inc. S-1003CA43I-M5T1U Datasheet HTML 29Page - ABLIC Inc. S-1003CA43I-M5T1U Datasheet HTML 30Page - ABLIC Inc. S-1003CA43I-M5T1U Datasheet HTML 31Page - ABLIC Inc. S-1003CA43I-M5T1U Datasheet HTML 32Page - ABLIC Inc. S-1003CA43I-M5T1U Datasheet HTML 33Page - ABLIC Inc. S-1003CA43I-M5T1U Datasheet HTML 34Page - ABLIC Inc. S-1003CA43I-M5T1U Datasheet HTML 35Page - ABLIC Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 42 page
background image
MANUAL RESET BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) HIGH-ACCURACY VOLTAGE DETECTOR
Rev.1.0_03
S-1003 Series
31
VIH
*1
Input voltage
VIL
*2
VDD
*3
tPHL
tPLH
1
s
1
s
VDD
*3  10%
VDD
*3  90%
Output voltage
*1. VIH = 10 V
*2. VIL = 0.95 V
*3. CMOS output product: VDD
Nch open-drain product: VDD1
V
R
*1
100 k
COUT
VDD
V
CD
VDD1
*1
VDD
OUT
VSS
MR
*2
*1. R and VDD1 are unnecessary for CMOS output
product.
*2. Set to VDD or GND (MR pin non-active).
Figure 34 Test Condition of Response Time
Figure 35 Test Circuit of Response Time
Caution 1. The above connection diagram and constant will not guarantee successful operation.
Perform thorough evaluation using the actual application to set the constant.
2. When the CD pin is open, a double pulse may appear at release.
To avoid the double pulse, attach a 100 pF or more capacitor to the CD pin.
Response time when detecting (tPHL) is not affected by CD pin capacitance. Besides, response
time when releasing (tPLH) can set the delay time by attaching the CD pin.
Refer to "11. Delay time
(tD) vs. CD pin capacitance (CD) (Without output pin capacitance)" for
details.
11. Delay time (tD) vs. CD pin capacitance (CD) (Without output pin capacitance)
S-1003NA12
Ta =
25°C
0.01
0.1
1
10
100
0.01
10000
1000
1000
100
10
1
0.1
CD [nF]
S-1003NA24
Ta =
25°C
0.01
0.1
1
10
100
0.01
10000
1000
1000
100
10
1
0.1
CD [nF]
S-1003NA50
Ta =
25°C
0.01
0.1
1
10
100
0.01
10000
1000
1000
100
10
1
0.1
CD [nF]


Similar Part No. - S-1003CA43I-M5T1U

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
S-100 MEANWELL-S-100 Datasheet
410Kb / 2P
   100W Single Output Switching Power Supply
S-100-10 MEANWELL-S-100-10 Datasheet
410Kb / 2P
   100W Single Output Switching Power Supply
S-100-12 MEANWELL-S-100-12 Datasheet
410Kb / 2P
   100W Single Output Switching Power Supply
S-100-15 MEANWELL-S-100-15 Datasheet
410Kb / 2P
   100W Single Output Switching Power Supply
S-100-18 MEANWELL-S-100-18 Datasheet
410Kb / 2P
   100W Single Output Switching Power Supply
More results

Similar Description - S-1003CA43I-M5T1U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S1003 SII-S1003 Datasheet
681Kb / 42P
   MANUAL RESET BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
S1011 SII-S1011 Datasheet
2Mb / 43P
   BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) VOLTAGE DETECTOR
logo
ABLIC Inc.
S-1011 ABLIC-S-1011 Datasheet
2Mb / 43P
   HIGH-WITHSTAND VOLTAGE BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) VOLTAGE DETECTOR
Rev.1.2_02
logo
Seiko Instruments Inc
S1004 SII-S1004 Datasheet
2Mb / 42P
   BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
logo
ABLIC Inc.
S-1004 ABLIC-S-1004 Datasheet
2Mb / 42P
   BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) VOLTAGE DETECTOR WITH SENSE PIN
Rev.2.1_02
logo
Seiko Instruments Inc
S19110JXXH SII-S19110JXXH Datasheet
5Mb / 46P
   FOR AUTOMOTIVEOPERATION HIGH-WITHSTAND VOLTAGE BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) VOLTAGE DETECTOR
S19100XXXH SII-S19100XXXH Datasheet
2Mb / 45P
   FOR AUTOMOTIVE 105째C OPERATION VOLTAGE DETECTOR BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
S19101XXXH SII-S19101XXXH Datasheet
1Mb / 31P
   FOR AUTOMOTIVE 105째C OPERATION VOLTAGE DETECTOR BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
S19101XXXA SII-S19101XXXA Datasheet
1Mb / 30P
   FOR AUTOMOTIVE 125째C OPERATION VOLTAGE DETECTOR BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
S19100XXXA SII-S19100XXXA Datasheet
2Mb / 39P
   FOR AUTOMOTIVE 125 OPERATION VOLTAGE DETECTOR BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com