Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-1003CA43I-M5T1U Datasheet(PDF) 11 Page - ABLIC Inc.

Part # S-1003CA43I-M5T1U
Description  MANUAL RESET BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) HIGH-ACCURACY VOLTAGE DETECTOR
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABLIC [ABLIC Inc.]
Direct Link  https://www.ablic.com
Logo ABLIC - ABLIC Inc.

S-1003CA43I-M5T1U Datasheet(HTML) 11 Page - ABLIC Inc.

Back Button S-1003CA43I-M5T1U Datasheet HTML 7Page - ABLIC Inc. S-1003CA43I-M5T1U Datasheet HTML 8Page - ABLIC Inc. S-1003CA43I-M5T1U Datasheet HTML 9Page - ABLIC Inc. S-1003CA43I-M5T1U Datasheet HTML 10Page - ABLIC Inc. S-1003CA43I-M5T1U Datasheet HTML 11Page - ABLIC Inc. S-1003CA43I-M5T1U Datasheet HTML 12Page - ABLIC Inc. S-1003CA43I-M5T1U Datasheet HTML 13Page - ABLIC Inc. S-1003CA43I-M5T1U Datasheet HTML 14Page - ABLIC Inc. S-1003CA43I-M5T1U Datasheet HTML 15Page - ABLIC Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
MANUAL RESET BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) HIGH-ACCURACY VOLTAGE DETECTOR
Rev.1.0_03
S-1003 Series
11
Electrical Characteristics
1. Nch open-drain output product
Table 10
(Ta =
25°C unless otherwise specified)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Test
Circuit
Detection voltage
*1
VDET
1.2 V
 VDET  2.2 V
VDET(S)
 0.022
VDET(S)
VDET(S)
 0.022
V
1
2.2 V
 VDET  5.0 V
VDET(S)
 0.99
VDET(S)
VDET(S)
 1.01
V
1
Hysteresis width
VHYS
VDET
 0.03
VDET
 0.05
VDET
 0.07
V
1
Current consumption
ISS
VDD = VDET(S)  1.0 V
0.50
0.90
A
2
Operation voltage
VDD
0.95
10.0
V
1
Output current
IOUT
Output transistor
Nch
VDS
*2 = 0.5 V
MR pin active
VDD = 0.95 V
0.59
1.00
mA
3
VDD = 1.2 V
0.73
1.33
mA
3
VDD = 2.4 V
1.47
2.39
mA
3
VDD = 4.8 V
1.86
2.50
mA
3
Leakage current
ILEAK
Output transistor
Nch
VDD = 10.0 V, VOUT = 10.0 V
MR pin non-active
0.08
A
3
Delay time
*3
tD
CD = 4.7 nF
8.5
10.0
11.5
ms
4
Detection voltage
temperature
coefficient
*4
VDET
Ta  VDET Ta = 40°C to 85°C
100
350
ppm/°C
1
MR pin
input voltage "H"
VMRH
NA type
(MR pin logic active "L")
VDD
 0.3


V
6
NB type
(MR pin logic active "H")
1.2


V
6
MR pin
input voltage "L"
VMRL
NA type
(MR pin logic active "L")


VDD
 1.2
V
6
NB type
(MR pin logic active "H")


0.3
V
6
MR pin
input resistance
RMR
0.5
1.0
1.6
M
6
*1.
VDET: Actual detection voltage value, VDET(S): Set detection voltage value (the center value of the detection voltage
range in Table 3 or Table 4.)
*2.
VDS: Drain-to-source voltage of the output transistor
*3.
The time period from when the pulse voltage of 0.95 V
 VDET(S)1.0 V is applied to the VDD pin to when VOUT
reaches VDD  0.9, after the output pin is pulled up to VDD by the resistance of 100 k
*4.
The temperature change of the detection voltage [mV/°C] is calculated by using the following equation.
  VDET
Ta
[]
mV/°C
*1 = VDET(S) (typ.)[]
V
*2
  VDET
Ta  VDET []
ppm/°C
*3  1000
*1. Temperature change of the detection voltage
*2. Set detection voltage
*3. Detection voltage temperature coefficient


Similar Part No. - S-1003CA43I-M5T1U

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
S-100 MEANWELL-S-100 Datasheet
410Kb / 2P
   100W Single Output Switching Power Supply
S-100-10 MEANWELL-S-100-10 Datasheet
410Kb / 2P
   100W Single Output Switching Power Supply
S-100-12 MEANWELL-S-100-12 Datasheet
410Kb / 2P
   100W Single Output Switching Power Supply
S-100-15 MEANWELL-S-100-15 Datasheet
410Kb / 2P
   100W Single Output Switching Power Supply
S-100-18 MEANWELL-S-100-18 Datasheet
410Kb / 2P
   100W Single Output Switching Power Supply
More results

Similar Description - S-1003CA43I-M5T1U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S1003 SII-S1003 Datasheet
681Kb / 42P
   MANUAL RESET BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
S1011 SII-S1011 Datasheet
2Mb / 43P
   BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) VOLTAGE DETECTOR
logo
ABLIC Inc.
S-1011 ABLIC-S-1011 Datasheet
2Mb / 43P
   HIGH-WITHSTAND VOLTAGE BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) VOLTAGE DETECTOR
Rev.1.2_02
logo
Seiko Instruments Inc
S1004 SII-S1004 Datasheet
2Mb / 42P
   BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
logo
ABLIC Inc.
S-1004 ABLIC-S-1004 Datasheet
2Mb / 42P
   BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) VOLTAGE DETECTOR WITH SENSE PIN
Rev.2.1_02
logo
Seiko Instruments Inc
S19110JXXH SII-S19110JXXH Datasheet
5Mb / 46P
   FOR AUTOMOTIVEOPERATION HIGH-WITHSTAND VOLTAGE BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) VOLTAGE DETECTOR
S19100XXXH SII-S19100XXXH Datasheet
2Mb / 45P
   FOR AUTOMOTIVE 105째C OPERATION VOLTAGE DETECTOR BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
S19101XXXH SII-S19101XXXH Datasheet
1Mb / 31P
   FOR AUTOMOTIVE 105째C OPERATION VOLTAGE DETECTOR BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
S19101XXXA SII-S19101XXXA Datasheet
1Mb / 30P
   FOR AUTOMOTIVE 125째C OPERATION VOLTAGE DETECTOR BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
S19100XXXA SII-S19100XXXA Datasheet
2Mb / 39P
   FOR AUTOMOTIVE 125 OPERATION VOLTAGE DETECTOR BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com