Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-812C48BPI-C5CTFU Datasheet(PDF) 49 Page - ABLIC Inc.

Part # S-812C48BPI-C5CTFU
Description  16 V INPUT, 75 mA VOLTAGE REGULATOR
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABLIC [ABLIC Inc.]
Direct Link  https://www.ablic.com
Logo ABLIC - ABLIC Inc.

S-812C48BPI-C5CTFU Datasheet(HTML) 49 Page - ABLIC Inc.

Back Button S-812C48BPI-C5CTFU Datasheet HTML 45Page - ABLIC Inc. S-812C48BPI-C5CTFU Datasheet HTML 46Page - ABLIC Inc. S-812C48BPI-C5CTFU Datasheet HTML 47Page - ABLIC Inc. S-812C48BPI-C5CTFU Datasheet HTML 48Page - ABLIC Inc. S-812C48BPI-C5CTFU Datasheet HTML 49Page - ABLIC Inc. S-812C48BPI-C5CTFU Datasheet HTML 50Page - ABLIC Inc. S-812C48BPI-C5CTFU Datasheet HTML 51Page - ABLIC Inc. S-812C48BPI-C5CTFU Datasheet HTML 52Page - ABLIC Inc. S-812C48BPI-C5CTFU Datasheet HTML 53Page - ABLIC Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 56 page
background image
No.
TITLE
UNIT
ANGLE
No. YS003-D-P-SD-2.1
YS003-D-P-SD-2.1
TO92-D-PKG Dimensions
5.2max.
0.45±0.1
1.27
0.45±0.1
4.2max.
0.6max.
Marked side
mm


Similar Part No. - S-812C48BPI-C5CTFU

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-812C48BPI-C5CTFG SII-S-812C48BPI-C5CTFG Datasheet
930Kb / 52P
   HIGH OPERATING VOLTAGE CMOS VOLTAGE REGULATOR
More results

Similar Description - S-812C48BPI-C5CTFU

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A4201 TI1-TPS7A4201 Datasheet
740Kb / 19P
[Old version datasheet]   28-V Input Voltage, 50-mA Voltage Regulator
logo
ABLIC Inc.
S-1135 ABLIC-S-1135 Datasheet
558Kb / 48P
   5.5 V INPUT, 300 mA VOLTAGE REGULATOR
Rev.2.3_00
S-13A1 ABLIC-S-13A1 Datasheet
1Mb / 74P
   5.5 V INPUT, 1000 mA VOLTAGE REGULATOR
Rev.2.2_00
S-1222B ABLIC-S-1222B Datasheet
1Mb / 65P
   28 V INPUT, 200 mA VOLTAGE REGULATOR
Rev.2.1_00
S-1333 ABLIC-S-1333 Datasheet
676Kb / 47P
   5.5 V INPUT, 300 mA VOLTAGE REGULATOR
Rev.2.4_00
S-1312 ABLIC-S-1312 Datasheet
540Kb / 47P
   5.5 V INPUT, 150 mA VOLTAGE REGULATOR
Rev.2.5_00
S-1313 ABLIC-S-1313 Datasheet
825Kb / 56P
   5.5 V INPUT, 200 mA VOLTAGE REGULATOR
Rev.2.2_00
logo
Texas Instruments
TPS7A4201_15 TI-TPS7A4201_15_15 Datasheet
932Kb / 22P
[Old version datasheet]   TPS7A4201 28-V Input Voltage, 50-mA Voltage Regulator
logo
RICOH electronics devic...
R1155 RICOH-R1155 Datasheet
563Kb / 26P
   150 mA 24 V Input High Voltage Regulator
logo
Nisshinbo Micro Devices...
R1155X NISSHINBO-R1155X Datasheet
1Mb / 30P
   150 mA 24 V Input High Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com