Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D1024UK Datasheet(PDF) 4 Page - Seme LAB

Part # D1024UK
Description  GOLD METALLISED MULTI-PURPOSE SILICON DMOS RF FET 40W - 28V - 500MHz PUSH-PULL
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

D1024UK Datasheet(HTML) 4 Page - Seme LAB

  D1024UK Datasheet HTML 1Page - Seme LAB D1024UK Datasheet HTML 2Page - Seme LAB D1024UK Datasheet HTML 3Page - Seme LAB D1024UK Datasheet HTML 4Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
D1024UK
Document Number 3037
Issue 1
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Semelab encourages customers to verify that datasheets are current before placing orders.
D1024UK
D1024UK
INPUT
BIAS
T2
T3
T1
2-18pF
10K
30pF
10K
620pF
620pF
100nF
L1
L2
OUTPUT
1-3.5pF
620pF
620pF
30pF 100nF 10uF
+28V
39
2-18pF
T4
T5
T6
T7
T8
T9
T10
D1024UK TEST FIXTURE
Substrate 1.6mm FR4
All microstrip lines W = 2.5mm
T1
45mm 50 OHM UT34 semi-rigid coax
T2, T3
55mm 50 OHM UT 34 semi-rigid coax
T4, T5
25mm microstrip line
T6, T7
10mm microstrip line
T8, T9
45mm 25 OHM UT 34-25 semi-rigid coax
T10
60mm 50OHM UT34 semi-rigid coax
L1
4 turns 19swg enamelled copper wire, 7mm i.d.
L2
2.5 turns of 19swg enamelled copper wire on T50-6 ferrite toroid


Similar Part No. - D1024UK

ManufacturerPart #DatasheetDescription
logo
3M Electronics
D10240-55G3JC 3M-D10240-55G3JC Datasheet
532Kb / 4P
   3M Mini D Ribbon (MDR) Connectors
D10240-55G3JL 3M-D10240-55G3JL Datasheet
532Kb / 4P
   3M Mini D Ribbon (MDR) Connectors
D10240-55G3PC 3M-D10240-55G3PC Datasheet
532Kb / 4P
   3M Mini D Ribbon (MDR) Connectors
D10240-55G3PL 3M-D10240-55G3PL Datasheet
532Kb / 4P
   3M Mini D Ribbon (MDR) Connectors
D10240-55G3VC 3M-D10240-55G3VC Datasheet
532Kb / 4P
   3M Mini D Ribbon (MDR) Connectors
More results

Similar Description - D1024UK

ManufacturerPart #DatasheetDescription
logo
Sames
D2022UK SAMES-D2022UK Datasheet
21Kb / 2P
   GOLD METALLISED MULTI-PURPOSE SILICON DMOS RF FET 45W - 28V - 500MHz PUSH-PULL
logo
Seme LAB
D2208UK SEME-LAB-D2208UK Datasheet
52Kb / 2P
   GOLD METALLISED MULTI-PURPOSE SILICON DMOS RF FET 40W - 12.5V - 500MHz PUSH-PULL
D1034UK SEME-LAB-D1034UK Datasheet
21Kb / 2P
   METAL GATE RF SILICON FET(GOLD METALLISED MULTI-PURPOSE SILICON DMOS RF FET 80W - 28V - 500MHz PUSH-PULL)
D1030UK SEME-LAB-D1030UK Datasheet
18Kb / 2P
   GOLD METALLISED MULTI-PURPOSE SILICON DMOS RF FET 400W - 28V - 175MHz PUSH-PULL
D2014UK SEME-LAB-D2014UK Datasheet
38Kb / 2P
   GOLD METALLISED MULTI-PURPOSE SILICON DMOS RF FET 2.5W - 28V - 500MHz SINGLE ENDED
DMD5012 SEME-LAB-DMD5012 Datasheet
69Kb / 5P
   IMPROVED PERFORMANCE GOLD METALLISED SILICON DMOS RF FET 100W - 50V - 500MHz PUSH-PULL
D1222UK SEME-LAB-D1222UK Datasheet
19Kb / 2P
   GOLD METALLISED MULTI-PURPOSE SILICON DMOS RF FET 60W - 12.5V - 175MHz PUSH-PULL
logo
List of Unclassifed Man...
D1014 ETC-D1014 Datasheet
828Kb / 4P
   GOLD METALLISED MULTI-PURPOSE SILICON DMOS RF FET
logo
Seme LAB
D1025UK SEME-LAB-D1025UK Datasheet
35Kb / 2P
   GOLD METALLISED MULTI-PURPOSE SILICON DMOS RF FET 100W - 28V - 175MHz SINGLE ENDED
D1001UK SEME-LAB-D1001UK Datasheet
43Kb / 4P
   GOLD METALLISED MULTI-PURPOSE SILICON DMOS RF FET 20W - 28V - 175MHz SINGLE ENDED
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com