Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

S-80836CNMC-B8VT2X Datasheet(PDF) 37 Page - ABLIC Inc.

Part No. S-80836CNMC-B8VT2X
Description  SUPER-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
Download  56 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ABLIC [ABLIC Inc.]
Homepage  https://www.ablic.com
Logo 

S-80836CNMC-B8VT2X Datasheet(HTML) 37 Page - ABLIC Inc.

Zoom Inzoom in Zoom Outzoom out
 37 / 56 page
background image
SUPER-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
Rev.6.2_02
S-808xxC Series
37
3. Change of Detection Voltage
In Nch open-drain output products of the S-808xxC series, detection voltage can be changed using
resistance dividers or diodes as shown in Figures 32 to 33. In Figure 32, hysteresis width also changes.
(Nch open-drain
output products)
RA
*1
OUT
VIN
VSS
VDD


S-
808xxCN
RB
(RA
75 k)
DET
B
B
A
V
R
R
R
voltagae
Detection
HYS
B
B
A
V
R
R
R
width
Hysterisis
(Nch open-drain
output product)
Vf1
OUT
VIN
VSS
VDD
S-
808xxCN
Vf2
Detection voltage=Vf1+Vf2+(VDET)
*1. RA should be 75 k or less to prevent oscillation.
Caution If RA and RB are large, the hysteresis
width may aloso be larger than the
value given by the above equation due
to the through-type current (which
flows slightly in an Nch open-drain
product).
Figure 32
Figure 33
Caution The above connection diagram and constants do not guarantee correct operation. Perform
sufficient evaluation using the actual application to set the constants.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn