Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

S-80836CNMC-B8VT2X Datasheet(PDF) 32 Page - ABLIC Inc.

Part No. S-80836CNMC-B8VT2X
Description  SUPER-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
Download  56 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ABLIC [ABLIC Inc.]
Homepage  https://www.ablic.com
Logo 

S-80836CNMC-B8VT2X Datasheet(HTML) 32 Page - ABLIC Inc.

Zoom Inzoom in Zoom Outzoom out
 32 / 56 page
background image
SUPER-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
S-808xxC Series
Rev.6.2_02
32
5. Nch Transistor Output Current (IOUT) – VDS
0
1.0
2.0
3.0
4.0
5.0
0
0.5
1.0
1.5
2.0
2.5
VDS (V)
S-80814CL/CN
Ta=25°C
VDD0.7 V
VDD1.0
VDD1.3 V
0
10
20
30
40
50
0
1.0
2.0
3.0
4.0
5.0
VDS (V)
6.0 V
S-80860CL/CN
Ta=25°C
VDD1.2 V
2.4 V
3.6 V
4.8 V
6. Pch Transistor Output Current (IOUT) -VDS
S-80808CL
0
1.0
2.0
3.0
4.0
5.0
0
0.5
1.0
1.5
2.0
2.5
VDS (V)
Ta=25ºC
VDD2.9V
VDD2.4V
VDD1.4 V
VDD0.9 V
VDD1.9 V
S-80815CL
0
5
10
15
20
25
30
0
2.0
4.0
6.0
8.0
10.0
VDS (V)
Ta=25ºC
8.4 V
7.2 V
6.0 V
3.6 V
VDD2.4 V
4.8 V
7. Nch Transistor Output Current (IOUT) - Input Voltage (VDD)
0
1.5
3.0
4.5
6.0
0
0.5
1.0
1.5
2.0
VDD (V)
S-80814CL/CN
VDS0.5 V
Ta=85°
Ta=-40°C
Ta=25°C
0
5
10
15
20
0
2.0
4.0
6.0
8.0
VDD (V)
S-80860CL/CN
VDS0.5 V
Ta=-40°C
Ta=25°C
Ta=85°C
8. Pch Transistor Output Current (IOUT) - Input Voltage (VDD)
0
0.5
1.0
1.5
2.0
2.5
3.0
0
1.0
2.0
3.0
4.0
5.0
6.0
VDD (V)
S-80808CL
VDS0.5 V
Ta=-40°C
Ta=25°C
Ta=85°C
0
1
2
3
4
5
6
0
2.0
4.0
6.0
8.0
10.0
12.0
VDD (V)
S-80815CL
VDS0.5 V
Ta=-40°C
Ta=25°C
Ta=85°C


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn