Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

S-80836CNMC-B8VT2X Datasheet(PDF) 26 Page - ABLIC Inc.

Part No. S-80836CNMC-B8VT2X
Description  SUPER-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
Download  56 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ABLIC [ABLIC Inc.]
Homepage  https://www.ablic.com
Logo 

S-80836CNMC-B8VT2X Datasheet(HTML) 26 Page - ABLIC Inc.

Zoom Inzoom in Zoom Outzoom out
 26 / 56 page
background image
SUPER-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
S-808xxC Series
Rev.6.2_02
26
VDD
OUT
(
VDET) Max.
(
VDET) Min.
Detection voltage range
Detection voltage
(
VDET) Max.
(
VDET) Min.
Release voltage range
VDD
Release voltage
OUT
Figure 21 Detection Voltage (CMOS Output Products)
Figure 22 Release Voltage (CMOS Output Products)
Remark Although the detection voltage and release voltage overlap in the range of 1.514 V to 1.530 V,
VDET is always larger than VDET.
2. Hysteresis Width (VHYS)
The hysteresis width is the voltage difference between the detection voltage and the release voltage (The
voltage at point B
The voltage at point A VHYS in Figure 18). The existence of the hysteresis width
prevents malfunction caused by noise on input signal.
3. Through-type Current
The through-type current refers to the current that flows instantaneously at the time of detection and release
of a voltage detector. The through-type current is large in CMOS output products, small in Nch open-drain
output products.
4. Oscillation
In applications where a resistor is connected to the voltage detector input (Figure 23), taking a CMOS active
low product for example, the through-type current which is generated when the output goes from low to high
(release) causes a voltage drop equal to [through-type current]
[input resistance] across the resistor. When
the input voltage drops below the detection voltage (
VDET) as a result, the output voltage goes to low level.
In this state, the through-type current stops and its resultant voltage drop disappears, and the output goes
from low to high. A through-type current is again generated, a voltage drop appears, and repeating the
process finally induces oscillation.
OUT
VSS
VDD
RB
RA
VIN
S-808xxCL
Figure 23 An Example for Bad Implementation of Input Voltage Divider


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn