Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SX34 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SX34
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE- 20 to 90 Volts CURRENT- 3.0 Amperes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SX34 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SX34 Datasheet HTML 1Page - List of Unclassifed Manufacturers SX34 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PAGE . 1
DATE : OCT.03.2002
DATA SHEET
SX32~SX39
FEATURES
• Plastic package has Underwriters Laboratory
Flammability Classification 94V-O
• For surface mounted applications
• Low profile package
• Built-in strain relief
• Metal to silicon rectifier. majority carrier conduction
• Low power loss,high efficiency
• High surge capacity
• For use in low voltage high frequency inverters, free wheeling,
and polarity protection applications
• High temperature soldering guaranteed: 260°C /10 seconds
at terminals
MECHANICAL DATA
Case: JEDEC DO-214AC molded plastic
Terminals:Solder plated, solderable per MIL-STD-750,
Method 2026
Polarity: Color band denotes positive end (cathode)
Standard packaging: 12mm tape (EIA-481)
Weight: 0.002 ounce, 0.064 gram
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
VOLTAGE- 20 to 90 Volts CURRENT- 3.0 Amperes
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified.
Resistive or inductive load.
NOTES:
A.Pulse Test with PW =300µsec, 2% Duty Cycle.
B.Mounted on P.C. Board with 14mm2 (.013mm thick) copper pad areas.
SMA / DO-214AC
Unit: inch ( mm )
.157 (4.00)
.181 (4.60)
.006 (.152)
.012 (.305)
.008(.203)
.002(.051)
.188 (4.80)
.208 (5.28)
.030 (0.76)
.060 (1.52)
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
at TL (See figure 1)
Peak Forward Surge Current 8.3ms single half sine-wave superim-
posed on rated load (JEDEC method)
Maximum Instantaneous Forward Voltage at 3.0A (Note 1)
Maximum DC Reverse Current (Note 1) Ta= 25°C
at Rated DC Blocking Voltage
Ta=100°C
Maximum Thermal Resistance(Note 2)
Operating and Storage Temperature Range TJ
Storage Temperature Range
3.0
80.0
0.5
17.0
V
V
V
A
A
mA
20.0
V RRM
V RMS
VDC
V
mA
°C/W
°C
UNITS
SYMBOLS
I(AV)
I FSM
VF
I R
R
θJL
R
θJA
TJ
TSTG
°C
0.75
55.0
-50 to +150
-50 to +150
20.0
14.0
20.0
60.0
42.0
60.0
30.0
21.0
30.0
40.0
28.0
40.0
50.0
35.0
50.0
90.0
71.0
90.0
80.0
56.0
80.0
0.50
0.85
SX32
SX33
SX34
SX35
SX36
SX38
SX39


Similar Part No. - SX34

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SX34 PANJIT-SX34 Datasheet
43Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Won-Top Electronics
SX34 WTE-SX34 Datasheet
47Kb / 4P
   3.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Pan Jit International I...
SX34 PANJIT-SX34 Datasheet
41Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SX34 PANJIT-SX34 Datasheet
105Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shenzhen Taychipst Elec...
SX34 TAYCHIPST-SX34 Datasheet
10Mb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SX34

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SR32 PANJIT-SR32 Datasheet
60Kb / 2P
   MINI SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER(VOLTAGE - 20 to 90 Volts CURRENT - 3.0 Amperes)
SK32 PANJIT-SK32 Datasheet
61Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER(VOLTAGE - 20 to 100 Volts CURRENT - 3.0 Amperes)
logo
Surge Components
SK32 SURGE-SK32 Datasheet
80Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE - 20 to 100 Volts CURRENT - 3.0 Amperes???
logo
Rectron Semiconductor
FM5820B RECTRON-FM5820B Datasheet
30Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 40 Volts CURRENT 3.0 Amperes
FM5820 RECTRON-FM5820 Datasheet
25Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER (VOLTAGE RANGE 20 to 40 Volts CURRENT 3.0 Amperes)
FM320B RECTRON-FM320B Datasheet
31Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 60 Volts CURRENT 3.0 Amperes
FM5820A RECTRON-FM5820A Datasheet
29Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 40 Volts CURRENT 3.0 Amperes
FM320 RECTRON-FM320 Datasheet
25Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER(VOLTAGE RANGE 20 to 100 Volts CURRENT 3.0 Amperes)
FM320A RECTRON-FM320A Datasheet
31Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 60 Volts CURRENT 3.0 Amperes
logo
Pan Jit International I...
SR22 PANJIT-SR22 Datasheet
58Kb / 2P
   MINI SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER(VOLTAGE - 20 to 90 Volts CURRENT - 2.0 Amperes)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com