Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S3062 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # S3062
Description  MULTIRATE (OC-48/24/12/3/GBE/FC) SONET/SDH/ATM TRANSCEIVER w/ FEC
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

S3062 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button S3062 Datasheet HTML 2Page - List of Unclassifed Manufacturers S3062 Datasheet HTML 3Page - List of Unclassifed Manufacturers S3062 Datasheet HTML 4Page - List of Unclassifed Manufacturers S3062 Datasheet HTML 5Page - List of Unclassifed Manufacturers S3062 Datasheet HTML 6Page - List of Unclassifed Manufacturers S3062 Datasheet HTML 7Page - List of Unclassifed Manufacturers S3062 Datasheet HTML 8Page - List of Unclassifed Manufacturers S3062 Datasheet HTML 9Page - List of Unclassifed Manufacturers S3062 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
6
S3067
MULTIRATE (OC-48/24/12/3/GBE/FC) SONET/SDH/ATM TRANSCEIVER w/ FEC
September 17, 2002/ Revision A
S3067 TRANSCEIVER
FUNCTIONAL DESCRIPTION
Transmitter Operation
The S3067 transceiver chip performs the serialization
stage in the processing of a transmit SONET STS-48/
STS-24/STS-12/STS-3/GBE/FC data stream depend-
ing on the data rate selected. It converts 16-bit
parallel data to bit serial format.
A high-frequency bit clock can be generated from a
131.25 MHz to 178 MHz frequency reference by us-
ing an integral frequency synthesizer consisting of a
phase-locked loop circuit with a divider in the loop.
Diagnostic loopback (transmitter to receiver) and line
loopback (receiver to transmitter) is provided. See
Other Operating Modes.
The bypass signal selects between the BYPASSCLK
and the VCO clock. BYPASSCLK can be used to pro-
vide an alternative clock to the internal VCO when the
user selects an error correcting capability which is not
provided by the S3067 dividers. The user must pro-
vide the required frequency for the BYPASSCLK
when error-correcting capability of 6/5/4/3 bytes per
255-byte block is selected.
Clock Synthesizer
The clock synthesizer, shown in the block diagrams
of Figures 4 and 5, is a monolithic PLL that gener-
ates the serial output clock frequency locked to the
input Reference Clock (REFCLKP/N).
The REFCLKP/N input must be generated from a
crystal oscillator that has a frequency accuracy bet-
ter than the value stated in Table 10 in order for the
TSCLK frequency to have the accuracy required for
operation in a SONET system. Lower-accuracy crys-
tal oscillators may be used in applications less
demanding than SONET/SDH.
The on-chip PLL consists of a phase detector, which
compares the phase relationship between the VCO
output and the REFCLKP/N input, a loop filter which
converts the phase detector output into a smooth DC
voltage, and a VCO, whose frequency is varied by
this voltage.
The divide by ‘N’ and divide by ‘M’ provide the
counters required to support error correcting capabil-
ity. The values of ‘N’ and ‘M’ can be selected by
FECSEL lines.
The loop filter generates a VCO control voltage
based on the average DC level of the phase discrimi-
nator output pulses. A single external clean-up
capacitor is utilized as part of the loop filter. The loop
filter’s corner frequency is optimized to minimize out-
put phase jitter.
Timing Generator
The timing generation function, seen in Figure 4,
provides a divide-by-16 version of the transmit serial
clock. This circuitry also provides an internally gen-
erated load signal, which transfers the PIN[15:0]
data from the parallel input register to the serial shift
register.
The PCLK output is a divide-by-16 rate version of
transmit serial clock (divide-by-16). PCLK is in-
tended for use as a divide-by-16 clock for upstream
multiplexing and overhead processing circuits. Using
PCLK for upstream circuits will ensure a stable fre-
quency and phase relationship between the data
coming into and leaving the S3067 device.
The timing generator also produces a feedback ref-
erence clock to the clock synthesizer. A counter
divides the synthesized clock down to the same fre-
quency as the reference clock REFCLK. The PLL in
the clock synthesizer maintains the stability of the
synthesized clock by comparing the phase of the
internal clock with that of the Reference Clock
(REFCLK).
Table 5. Reference Jitter Limits
e
d
o
M
g
n
i
t
a
r
e
p
Oh
t
d
i
W
d
n
a
Br
e
t
t
i
J
S
M
R
8
4
-
S
T
Sz
H
M
0
2
o
t
z
H
k
2
1c
B
d
1
6
-
4
2
-
S
T
Sz
H
M
0
1
o
t
z
H
k
2
1s
p
2
2
1
-
S
T
Sz
H
M
5
o
t
z
H
k
2
1s
p
4
3
-
S
T
Sz
H
M
1
o
t
z
H
k
2
1s
p
6
1


Similar Part No. - S3062

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
S30620 MICROSEMI-S30620 Datasheet
119Kb / 2P
   Silicon Power Rectifier
More results

Similar Description - S3062

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SLK2721PZP TI1-SLK2721PZP Datasheet
508Kb / 22P
[Old version datasheet]   OC-48 FEC/24/12/3 SONET/SDH MULTIRATE TRANSCEIVER
SLK2721 TI-SLK2721 Datasheet
300Kb / 21P
[Old version datasheet]   OC-48FEC/24/12/3 SONET/SDH MULTIRATE TRANSCEIVER
SLK2511 TI-SLK2511 Datasheet
303Kb / 21P
[Old version datasheet]   OC-48/24/12/3 SONET/SDH MULTIRATE TRANSCEIVER
SLK2701 TI-SLK2701 Datasheet
298Kb / 21P
[Old version datasheet]   OC-48/24/12/3 SONET/SDH MULTIRATE TRANSCEIVER
SLK2511C TI1-SLK2511C_13 Datasheet
573Kb / 22P
[Old version datasheet]   OC-48/24/12/3 SONET/SDH MULTIRATE TRANSCEIVER
SLK2511A TI1-SLK2511A Datasheet
695Kb / 22P
[Old version datasheet]   OC-48/24/12/3 SONET/SDH MULTIRATE TRANSCEIVER
SLK2501 TI-SLK2501 Datasheet
271Kb / 20P
[Old version datasheet]   OC-48/24/12/3 SONET/SDH MULTIRATE TRANSCEIVER
SLK2501 TI1-SLK2501_16 Datasheet
516Kb / 22P
[Old version datasheet]   OC-48/24/12/3 SONET/SDH MULTIRATE TRANSCEIVER
logo
DB Lectro Inc
SLK2511B DBLECTRO-SLK2511B Datasheet
573Kb / 21P
   OC-48/24/12/3 SONET/SDH MULTIRATE TRANSCEIVER
logo
Texas Instruments
SLK2511B TI-SLK2511B Datasheet
528Kb / 21P
[Old version datasheet]   OC-48/24/12/3 SONET/SDH MULTIRATE TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com