Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SMCJ120 Datasheet(PDF) 2 Page - Nantong Hornby Electronic Co.,Ltd

Part No. SMCJ120
Description  TRANSIENT VOLTAGE SUPPRESSORS
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HORNBY [Nantong Hornby Electronic Co.,Ltd]
Homepage  http://www.hornby.com.cn
Logo HORNBY - Nantong Hornby Electronic Co.,Ltd

SMCJ120 Datasheet(HTML) 2 Page - Nantong Hornby Electronic Co.,Ltd

  SMCJ120 Datasheet HTML 1Page - Nantong Hornby Electronic Co.,Ltd SMCJ120 Datasheet HTML 2Page - Nantong Hornby Electronic Co.,Ltd SMCJ120 Datasheet HTML 3Page - Nantong Hornby Electronic Co.,Ltd SMCJ120 Datasheet HTML 4Page - Nantong Hornby Electronic Co.,Ltd SMCJ120 Datasheet HTML 5Page - Nantong Hornby Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SMCJ SERIES
TRANSIENT VOLTAGE SUPPRESSORS
STAND OFF VOLTAGE:
5.0 to 188 VOLTS
PEAK PULSE POWER:
1500 WATTS
FEATURES
· Plastic package has Underwriters Laboratory
DO-214AB(SMC)
Flammability Classification 94V-0
· 1500W peak pulse power capability on 10/1000µs
.052 (1.3)
waveform, repetition rate (duty cycle): 0.01%
(25.4) 1.0
.048 (1.2)
· Excellent clamping capability
MIN
· Low incremental surge resistance
· Fast response time: typically less than 1.0 ps from
0 volts to BV min
(9.5) .375
· Low profile package with built-in strain relief for
(7.2) .285
surface mounted applications
.210 (5.3)
(25.4) 1.0
.190 (4.8)
MECHANICAL DATA
MIN
Case: Molded plastic, DO-214AB(SMC)
Terminals: Axial leads, solderable per MIL-STD-750,
method 2026 guaranteed
Polarity: Color band denotes cathode except bipolar
Packaging: 16mm tape per EIA STD RS-481
Weight: 0.007 ounce, 0.21 gram
Maximum Ratings and Electrical Characteristics
Ratings at 25ambient temperature unless otherwise specified.
Peak power dissipation with a 10/1000µs waveform (Note 1 , 2)
Peak pulse current with a 10/1000µs waveform (Note 1)
Peak forward surge current, 8.3ms
single half sine-wave unidirectional only (Note 2)
Maximum instantaneous forward voltage
at 100A for unidirectional only
Typical thermal resistance junction-to-lead
Thermal resistance junction to ambient air (Note 3)
Operating junction and storage temperature range
NOTES:
1- Non-repetitive current pulse, per Fig.3 and derated above TA = 25°C per Fig. 2
2- Mounted on 0.31 x 0.31” (8.0 x 8.0mm) copper pads to each terminal
3- Mounted on minimum recommended pad layout
Devices for Bidirectional Applications:
1- For bi-directional, use C or CA suffix for types SMCJ5.0 thru types SMCJ188A(e.g. SMCJ5.0C, SMCJ188CA).
2- Electrical characteristics apply in both directions.
℃/W
–55 to +150
TJ,Tstg
Units
Watts
Amp
Amp
VF
200
RθJA
75
3.5
Volts
RθJL
15
℃/W
Dimensions in inches and (millimeters)
IFSM
See Next Table
Limit
Minimum 1500
Symbols
PPPM
IPPM


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn