Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

2N2222AE Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part No. 2N2222AE
Description  General Purpose Transistor
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FS [First Silicon Co., Ltd]
Homepage  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

2N2222AE Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  2N2222AE Datasheet HTML 1Page - First Silicon Co., Ltd 2N2222AE Datasheet HTML 2Page - First Silicon Co., Ltd 2N2222AE Datasheet HTML 3Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
General Purpose Transistor
NPN Silicon
These transistors are designed for general purpose amplifier
applications. They
are housed in the SC−89 package which
is designed for
low power surface mount applications.
Features
MAXIMUM RATINGS (TA = 25°C)
Rating
Symbol
Max
Unit
Collector−Emitter Voltage
VCEO
40
Vdc
Collector−Base Voltage
VCBO
75
Vdc
Emitter−Base Voltage
VEBO
6.0
Vdc
Collector Current
− Continuous
IC
600
mAdc
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total
Device Dissipation (Note 1)
TA = 25°C
PD
150
mW
Thermal Resistance,
Junction−to−Ambient
R JA
833
°C/W
Operating and Storage Junction
T
emperature Range
TJ, Tstg
−55 to +150
°C
Device
Maring
Shipping
ORDERING INFORMATION
COLLECTOR
3
1
BASE
2
EMITTER
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector
−Emitter Breakdown Voltage (Note 1)
(IC = 1.0 mAdc, IB = 0)
V(BR)CEO
40
Vdc
Collector
−Base Breakdown Voltage
(IC = 10 Adc, IE = 0)
V(BR)CBO
75
Vdc
Emitter −Base Breakdown Voltage
(IE = 10 Adc, IC = 0)
V(BR)EBO
6.0
Vdc
Base Cutoff Current
(VCE = 60 Vdc, VEB = 3.0 Vdc)
IBL
20
nAdc
Collector Cutoff Current
(VCE = 60 Vdc, VEB = 3.0 Vdc)
ICEX
100
nAdc
2N2222
AE
1P
3000 / T
ape & Reel
compliance with RoHS requirements.
We declare that the material of product
SEMICONDUCTOR
TECHNICAL DATA
2N2222AE
2008. 02. 18
1/3
Revision No : 0
1
3
2
SC-89


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn