Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

0402N0R5B152CG Datasheet(PDF) 10 Page - WALSIN TECHNOLOGY CORPORATION

Part No. 0402N0R5B152CG
Description  High voltage in a given case size
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

0402N0R5B152CG Datasheet(HTML) 10 Page - WALSIN TECHNOLOGY CORPORATION

Back Button 0402N0R5B152CG Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION 0402N0R5B152CG Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION 0402N0R5B152CG Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION 0402N0R5B152CG Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION 0402N0R5B152CG Datasheet HTML 9Page - WALSIN TECHNOLOGY CORPORATION 0402N0R5B152CG Datasheet HTML 10Page - WALSIN TECHNOLOGY CORPORATION 0402N0R5B152CG Datasheet HTML 11Page - WALSIN TECHNOLOGY CORPORATION 0402N0R5B152CG Datasheet HTML 12Page - WALSIN TECHNOLOGY CORPORATION 0402N0R5B152CG Datasheet HTML 13Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Multilayer Ceramic Capacitors
Approval Sheet
Page 10 of 13
ASC_Middle & High Voltage_003AE
Aug. 2018
No.
Item
Test Condition
Requirements
12. Temperature
Cycle
* Conduct the five cycles according to the temperatures and
time.
Step
Temp. (°C)
Time (min.)
1
Min. operating temp. +0/-3
30±3
2
Room temp.
2~3
3
Max. operating temp. +3/-0
30±3
4
Room temp.
2~3
*Before initial measurement (Class II only): To apply de-aging
at 150°C for 1hr then set for 24±2 hrs at room temp .
* Cap. / DF(Q) / I.R. Measurement to be made after de-aging
at 150°C for 1hr then set for 24±2 hrs at room temp .
* No remarkable damage.
* Cap change:
NP0: within ±2.5% or ±0.25pF whichever is larger.
X7R: within ±7.5%
Y5V: within ±20%
* Q/D.F., I.R. and dielectric strength: To meet initial requirements.
13. Humidity
(Damp Heat)
Steady State
* Test temp.: 40±2°C
* Humidity: 90~95% RH
* Test time: 500+24/-0hrs.
*Before initial measurement (Class II only): To apply de-aging
at 150°C for 1hr then set for 24±2 hrs at room temp .
* Cap. / DF(Q) / I.R. Measurement to be made after de-aging
at 150°C for 1hr then set for 24±2 hrs at room temp .
* No remarkable damage.
* Cap change: NP0: within ±5.0% or ±0.5pF whichever is larger.
X7R: within ±12.5%
Y5V: within ±30%
* Q/D.F. value:
NP0: Cap
≥30pF, Q≥350; 10pF≤Cap<30pF, Q≥275+2.5C
Cap<10pF; Q
≥200+10C
X7R:
≤3.0%
Y5V:
≤7.5%
* I.R.:
≥1G or RxC≥50 -F whichever is smaller.
14. Humidity
(Damp Heat)
Load
* Test temp.: 40±2°C
* Humidity: 90~95%RH
* Test time: 500+24/-0 hrs.
* To apply voltage:rated voltage (Max. 500V)
*Before initial measurement (Class II only): To apply de-aging
at 150°C for 1hr then set for 24±2 hrs at room temp .
* Cap. / DF(Q) / I.R. Measurement to be made after de-aging
at 150°C for 1hr then set for 24±2 hrs at room temp .
* No remarkable damage.
* Cap change: NP0: within ±7.5% or ±0.75pF whichever is larger.
X7R: within ±12.5%
Y5V: within ±30%
* Q/D.F. value:
NP0: Cap
≥30pF, Q≥200; Cap<30pF, Q≥100+10/3C
X7R:
≤3.0%
Y5V:
≤7.5%
* I.R.:
≥500M or RxC≥25 -F whichever is smaller.
15. High
Temperature
Load
(Endurance)
* Test temp.:
NP0, X7R: 125±3°C
Y5V: 85±3°C
* To apply voltage:
(1) 1206/NP0 (3kV)
≥1.5pF: 100% of rated voltage.
(2) 200V~300V: 200% of rated voltage.
(3) 400V~450V: 120% of rated voltage.
(4) 500V: 150% of rated voltage.
(5) 630V~3000V: 120% of rated voltage.
(6) 4000V: 110% of rated voltage.
* Test time: 1000+24/-0 hrs.
*Before initial measurement (Class II only): To apply de-aging
at 150°C for 1hr then set for 24±2 hrs at room temp .
* Cap. / DF(Q) / I.R. Measurement to be made after de-aging at
150°C for 1hr then set for 24±2 hrs at room temp.
* No remarkable damage.
* Cap change: NP0: within ±3.0% or ±0.3pF whichever is larger.
X7R: within ±12.5%
Y5V: within ±30%
* Q/D.F. value:
NP0: Cap
≥30pF, Q≥350
10pF
≤Cap<30pF, Q≥275+2.5C
Cap<10pF, Q
≥200+10C
X7R:
≤3.0%
Y5V:
≤7.5%
* I.R.:
≥1G or RxC≥50 -F whichever is smaller.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn