Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

0402N0R5B152CG Datasheet(PDF) 4 Page - WALSIN TECHNOLOGY CORPORATION

Part No. 0402N0R5B152CG
Description  High voltage in a given case size
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

0402N0R5B152CG Datasheet(HTML) 4 Page - WALSIN TECHNOLOGY CORPORATION

  0402N0R5B152CG Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION 0402N0R5B152CG Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION 0402N0R5B152CG Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION 0402N0R5B152CG Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION 0402N0R5B152CG Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION 0402N0R5B152CG Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION 0402N0R5B152CG Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION 0402N0R5B152CG Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION 0402N0R5B152CG Datasheet HTML 9Page - WALSIN TECHNOLOGY CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Multilayer Ceramic Capacitors
Approval Sheet
Page 4 of 13
ASC_Middle & High Voltage_003AE
Aug. 2018
7. CAPACITANCE RANGE (MIDDLE VOLTAGE - 200V to 630V)
7-1 NP0 Dielectric
DIELECTRIC
NP0
SIZE
0402
0603
0805
1206
1210
1808
1812
RATED VOLTAGE
(VDC)
200 250 200 250 200 250 500 630 200 250 500 630 200 250 500 630 500 630 200 250 500 630
0.1pF (0R1)
N
N
0.2pF (0R2)
N
N
0.3pF (0R3)
N
N
0.4pF (0R4)
N
N
0.5pF (0R5)
N
N
S
S
A
A
A
A
1.0pF (1R0)
N
N
S
S
A
A
A
A
1.2pF (1R2)
N
N
S
S
A
A
A
A
1.5pF (1R5)
N
N
S
S
A
A
A
A
B
B
B
B
1.8pF (1R8)
N
N
S
S
A
A
A
A
B
B
B
B
D
D
2.2pF (2R2)
N
N
S
S
A
A
A
A
B
B
B
B
D
D
2.7pF (2R7)
N
N
S
S
A
A
A
A
B
B
B
B
D
D
3.3pF (3R3)
N
N
S
S
A
A
A
A
B
B
B
B
D
D
3.9pF (3R9)
N
N
S
S
A
A
A
A
B
B
B
B
D
D
4.7pF (4R7)
N
N
S
S
A
A
A
A
B
B
B
B
D
D
5.6pF (5R6)
N
N
S
S
A
A
A
A
B
B
B
B
D
D
6.8pF (6R8)
N
N
S
S
A
A
A
A
B
B
B
B
D
D
8.2pF (8R2)
N
N
S
S
A
A
A
A
B
B
B
B
D
D
10pF (100)
N
N
S
S
A
A
A
A
B
B
B
B
C
C
C
C
D
D
D
D
D
D
12pF (120)
N
N
S
S
A
A
A
A
B
B
B
B
C
C
C
C
D
D
D
D
D
D
15pF (150)
N
N
S
S
A
A
A
A
B
B
B
B
C
C
C
C
D
D
D
D
D
D
18pF (180)
N
N
S
S
A
A
A
A
B
B
B
B
C
C
C
C
D
D
D
D
D
D
22pF (220)
N
N
S
S
A
A
A
A
B
B
B
B
C
C
C
C
D
D
D
D
D
D
27pF (270)
N
N
S
S
A
A
A
A
B
B
B
B
C
C
C
C
D
D
D
D
D
D
33pF (330)
N
N
S
S
A
A
A
A
B
B
B
B
C
C
C
C
D
D
D
D
D
D
39pF (390)
N
N
S
S
A
A
A
A
B
B
B
B
C
C
C
C
D
D
D
D
D
D
47pF (470)
N
N
S
S
A
A
A
A
B
B
B
B
C
C
C
C
D
D
D
D
D
D
56pF (560)
N
N
S
S
A
A
A
A
B
B
B
B
C
C
C
C
D
D
D
D
D
D
68pF (680)
N
S
S
A
A
A
A
B
B
B
B
C
C
C
C
D
D
D
D
D
D
82pF (820)
N
S
S
A
A
B
B
B
B
B
B
C
C
C
C
D
D
D
D
D
D
100pF (101)
N
S
S
A
B
B
B
B
B
B
B
C
C
C
C
D
D
D
D
D
D
120pF (121)
S
S
A
B
D
D
B
B
B
B
C
C
C
C
D
D
D
D
D
D
150pF (151)
S
S
B
D
D
D
B
B
B
B
C
C
C
C
D
D
D
D
D
D
180pF (181)
S
S
B
D
D
D
B
B
B
B
C
C
C
C
D
D
D
D
D
D
220pF (221)
S
S
D
D
D
D
B
B
B
B
C
C
C
C
D
D
D
D
D
D
270pF (271)
X
X
D
D
D
D
B
C
C
C
C
C
C
C
K
K
D
D
D
D
330pF (331)
X
X
D
D
D
D
B
C
C
C
C
C
C
C
K
K
D
D
D
D
390pF (391)
X
X
D
D
D
D
B
C
C
C
C
C
C
C
K
K
D
D
D
D
470pF (471)
X
X
D
D
I
I
C
C
C
C
C
C
C
C
K
K
D
D
D
D
560pF (561)
X
X
D
D
I
I
C
D
D
D
C
C
C
C
K
K
D
D
D
D
680pF (681)
D
D
I
I
C
D
D
D
C
C
C
C
K
K
D
D
D
D
820pF (821)
D
D
I
I
C
G
G
G
C
C
C
C
K
K
D
D
D
D
1,000pF (102)
D
D
I
I
C
G
G
G
D
D
D
D
K
K
D
D
D
D
1,200pF (122)
D
D
C
G
G
G
D
D
D
D
K
K
D
D
D
D
1,500pF (152)
D
D
D
G
G
G
D
D
D
D
K
K
D
D
D
D
1,800pF (182)
D
D
D
G
G
G
D
D
D
D
K
K
D
D
D
D
2,200pF (222)
D
D
D
G
G
G
D
D
D
D
K
K
D
D
D
D
2,700pF (272)
D
G
G
G
D
D
D
D
K
K
D
D
D
D
3,300pF (332)
D
G
G
G
D
D
D
D
K
K
D
D
D
D
3,900pF (392)
D
G
G
G
D
D
D
D
D
D
D
D
4,700pF (472)
D
G
G
G
G
G
D
D
D
D
5,600pF (562)
G
G
D
D
D
D
6,800pF (682)
G
G
D
D
D
D
8,200pF (822)
G
G
D
D
0.010
µF (103)
G
G
D
D
0.012
µF (123)
K
G
G
0.015
µF (153)
M
G
G
0.018
µF (183)
M
K
K
0.022
µF (223)
M
K
K
0.033
µF (333)
1. The letter in cell is expressed the symbol of product thickness.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn