Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

0402N0R5B102CG Datasheet(PDF) 12 Page - WALSIN TECHNOLOGY CORPORATION

Part No. 0402N0R5B102CG
Description  High voltage in a given case size
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

0402N0R5B102CG Datasheet(HTML) 12 Page - WALSIN TECHNOLOGY CORPORATION

Back Button 0402N0R5B102CG Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION 0402N0R5B102CG Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION 0402N0R5B102CG Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION 0402N0R5B102CG Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION 0402N0R5B102CG Datasheet HTML 9Page - WALSIN TECHNOLOGY CORPORATION 0402N0R5B102CG Datasheet HTML 10Page - WALSIN TECHNOLOGY CORPORATION 0402N0R5B102CG Datasheet HTML 11Page - WALSIN TECHNOLOGY CORPORATION 0402N0R5B102CG Datasheet HTML 12Page - WALSIN TECHNOLOGY CORPORATION 0402N0R5B102CG Datasheet HTML 13Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
Multilayer Ceramic Capacitors
Approval Sheet
Page 12 of 13
ASC_Middle & High Voltage_003AE
Aug. 2018
◙ Example of customer label
*Customized label is available upon request
◙ Constructions
◙ Storage and handling conditions
(1) To store products at 5 to 40
°C ambient temperature and 20 to 70%. related humidity conditions.
(2) The product is recommended to be used within one year after shipment. Check solderability in case of shelf life
extension is needed.
Cautions:
a. The corrosive gas reacts on the terminal electrodes of capacitors, and results in the poor solderability.
Do not store the capacitors in the ambience of corrosive gas (e.g., hydrogen sulfide, sulfur dioxide,
chlorine, ammonia gas etc.)
b. In corrosive atmosphere, solderability might be degraded, and silver migration might occur to cause low
reliability.
c.
Due to the dewing by rapid humidity change, or the photochemical change of the terminal electrode by
direct sunlight,the solderability and electrical performance may deteriorate. Do not store capacitors under
direct sunlight or dewing condition. To store products on the shelf and avoid exposure to moisture.
Fig. 5 The construction of MLCC
a. Customer name
b. WTC order series and item number
c. Customer P/O
d. Customer P/N
e. Description of product
f. Quantity
g. Bar code including quantity & WTC P/N or customer
h. WTC P/N
i. Shipping date
j. Order bar code including series and item numbers
k. Serial number of label
No.
Name
NPO
X7R, Y5V
1
Ceramic material
CaZrO3 based
BaTiO3 based
2
Inner electrode
Ni
3
Termination
Inner layer
Cu
4
Middle layer
Ni
5
Outer layer
Sn


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn