Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0402N0R5B102CG Datasheet(PDF) 8 Page - WALSIN TECHNOLOGY CORPORATION

Part # 0402N0R5B102CG
Description  High voltage in a given case size
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

0402N0R5B102CG Datasheet(HTML) 8 Page - WALSIN TECHNOLOGY CORPORATION

Back Button 0402N0R5B102CG Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION 0402N0R5B102CG Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION 0402N0R5B102CG Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION 0402N0R5B102CG Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION 0402N0R5B102CG Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION 0402N0R5B102CG Datasheet HTML 9Page - WALSIN TECHNOLOGY CORPORATION 0402N0R5B102CG Datasheet HTML 10Page - WALSIN TECHNOLOGY CORPORATION 0402N0R5B102CG Datasheet HTML 11Page - WALSIN TECHNOLOGY CORPORATION 0402N0R5B102CG Datasheet HTML 12Page - WALSIN TECHNOLOGY CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Multilayer Ceramic Capacitors
Approval Sheet
Page 8 of 13
ASC_Middle & High Voltage_003AE
Aug. 2018
8-2 X7R Dielectric
DIELECTRIC
X7R
SIZE
0805
1206
1210
1808
1812
RATED VOLTAGE
1000 1000 1500 2000 2500 1000 1500 2000 1000 1500 2000 3000 4000 1000 1500 2000 3000 4000
100pF (101)
B
D
D
D
D
D
D
D
120pF (121)
B
D
D
D
D
D
D
D
150pF (151)
B
D
D
D
D
D
D
D
D
D
D
D
K
180pF (181)
B
D
D
D
D
D
D
D
D
D
D
D
K
220pF (221)
B
D
D
D
D
D
D
D
D
D
D
D
K
270pF (271)
B
D
D
D
D
D
D
D
D
D
D
D
K
D
D
D
K
K
330pF (331)
B
D
D
D
D
D
D
D
D
D
D
K
K
D
D
D
K
K
390pF (391)
B
D
D
D
D
D
D
D
D
D
D
K
K
D
D
D
K
K
470pF (471)
B
D
D
D
D
D
D
D
D
D
D
K
K
D
D
D
K
K
560pF (561)
B
D
D
D
D
D
D
D
D
D
D
K
K
D
D
D
K
K
680pF (681)
B
D
D
D
D
D
D
D
D
D
D
K
K
D
D
D
K
K
820pF (821)
B
D
D
D
D
D
D
D
D
D
D
K
K
D
D
D
K
K
1,000pF (102)
B
D
D
B/C
/D/G
D
D
D
D
D
K
K
K
K
D
D
D
K
K
1,200pF (122)
B
D
G
G
G
D
M
M
D
K
K
K
D
D
D
K
M
1,500pF (152)
D
D
G
G
G
D
M
M
D
K
K
K
D
D
D
K
M
1,800pF (182)
D
D
G
G
G
D
M
M
D
K
K
K
D
D
D
M
M
2,200pF (222)
D
D
G
G
G
D
M
M
D
K
K
K
D
D
D
M
2,700pF (272)
D
D
G
G
D
M
M
D
K
K
K
D
D
D
M
3,300pF (332)
D
D
G
G
D
M
M
D
K
K
K
D
K
K
M
3,900pF (392)
D
D
G
G
M
M
D
K
K
D
K
K
M
4,700pF (472)
D
D
G
G
M
M
D
K
K
D
K
K
M
5,600pF (562)
D
D
G
G
M
M
K
K
K
D
M
M
M
6,800pF (682)
D
D
G
G
M
M
K
K
K
D
M
M
M
8,200pF (822)
D
D
G
G
M
M
K
K
K
D
M
M
0.010
µF (103) D
D
G
G
M
K
K
K
D
M
M
0.012
µF (123)
G
G
K
K
M
M
0.015
µF (153)
G
G
K
K
M
M
0.018
µF (183)
G
K
M
M
M
0.022
µF (223)
G
K
M
M
M
0.033
µF (333)
G
K
M
0.039
µF (393)
K
K
M
0.047
µF (473)
M
K
M
0.056
µF (563)
K
M
0.068
µF (683)
M
0.10
µF (104)
M
1. The letter in cell is expressed the symbol of product thickness.
9. PACKAGING DIMENSION AND QUANTITY
Size
Thickness/Symbol
(mm)
Paper tape
Plastic tape
7” reel
13” reel
7” reel
13” reel
0402
0.50±0.05
N
10k
50k
-
-
0603
0.80±0.07
S
4k
15k
-
-
0.80 +0.15/-0.10
X
4k
15k
0805
0.60±0.10
A
4k
15k
-
-
0.80±0.10
B
4k
15k
-
-
1.25±0.10
D
-
-
3k
10k
1.25±0.20
I
-
-
3k
10k
1206
0.80±0.10
B
4k
15k
-
-
0.95±0.10
C
-
-
3k
10k
1.25±0.10
D
-
-
3k
10k
1.60±0.20
G
-
-
2k
10k
1210
0.95±0.10
C
-
-
3k
10k
1.25±0.10
D
-
-
3k
10k
1.60±0.20
G
-
-
2k
-
2.00±0.20
K
-
-
1k
6k
2.50±0.30
M
-
-
1k
6k
1808
1.25±0.10
D
-
-
2k
10k
2.00±0.20
K
-
-
1k
6k
1812
1.25±0.10
D
-
-
1k
5k
1.60±0.20
G
-
-
1k
-
2.00±0.20
K
-
-
1k
-
2.50±0.30
M
-
-
0.5k
3k


Similar Part No. - 0402N0R5B102CG

ManufacturerPart #DatasheetDescription
logo
WALSIN TECHNOLOGY CORPO...
0402N0R5B100CT WALSIN-0402N0R5B100CT Datasheet
5Mb / 22P
   High capacitance in given case size
0402N0R5B101CT WALSIN-0402N0R5B101CT Datasheet
5Mb / 22P
   High capacitance in given case size
More results

Similar Description - 0402N0R5B102CG

ManufacturerPart #DatasheetDescription
logo
WALSIN TECHNOLOGY CORPO...
OP31B102K201CT WALSIN-OP31B102K201CT Datasheet
2Mb / 10P
   High voltage in a given case size
MG31B104K500CT WALSIN-MG31B104K500CT Datasheet
4Mb / 22P
   High capacitance in given case size
1206B104K500CT WALSIN-1206B104K500CT Datasheet
5Mb / 22P
   High capacitance in given case size
logo
Level One
IEC-4001 LVL1-IEC-4001 Datasheet
515Kb / 3P
   Rugged aluminium case design in a mini size form factor
logo
Illinois Capacitor, Inc...
FSR ILLINOISCAPACITOR-FSR Datasheet
304Kb / 4P
   Reduced case size - High voltage ??Low Leakage ??low dissipation
logo
Cornell Dubilier Electr...
380LQ CDE-380LQ_15 Datasheet
626Kb / 10P
   High Capacitance per Case Size
logo
Mallory Sonalert Produc...
PA-22034-04-BLACK MSPI-PA-22034-04-BLACK Datasheet
338Kb / 1P
   Case Size T2
PA-22034-01-BLACK MSPI-PA-22034-01-BLACK Datasheet
338Kb / 1P
   Case Size T1
PA-22034-02-BLUE MSPI-PA-22034-02-BLUE Datasheet
337Kb / 1P
   Case Size T2
PA-22034-01-BLUE MSPI-PA-22034-01-BLUE Datasheet
336Kb / 1P
   Case Size T1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com