Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFELA10M7GAA0-B0 Datasheet(PDF) 22 Page - Murata Manufacturing Co., Ltd.

Part # SFELA10M7GAA0-B0
Description  Ceramic Filters (CERAFIL) for FM Receivers
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

SFELA10M7GAA0-B0 Datasheet(HTML) 22 Page - Murata Manufacturing Co., Ltd.

Back Button SFELA10M7GAA0-B0 Datasheet HTML 18Page - Murata Manufacturing Co., Ltd. SFELA10M7GAA0-B0 Datasheet HTML 19Page - Murata Manufacturing Co., Ltd. SFELA10M7GAA0-B0 Datasheet HTML 20Page - Murata Manufacturing Co., Ltd. SFELA10M7GAA0-B0 Datasheet HTML 21Page - Murata Manufacturing Co., Ltd. SFELA10M7GAA0-B0 Datasheet HTML 22Page - Murata Manufacturing Co., Ltd. SFELA10M7GAA0-B0 Datasheet HTML 23Page - Murata Manufacturing Co., Ltd. SFELA10M7GAA0-B0 Datasheet HTML 24Page - Murata Manufacturing Co., Ltd. SFELA10M7GAA0-B0 Datasheet HTML 25Page - Murata Manufacturing Co., Ltd. SFELA10M7GAA0-B0 Datasheet HTML 26Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 57 page
background image
Please read CAUTION and Notice in this catalog for safety. This catalog has only typical specifications. Therefore you are requested
to approve our product specification or to transact the approval sheet for product specification, before your ordering.
P61E7.pdf 01.10.17
21
6
s Center Frequency Rank Code
CODE
D
B
A
C
E
Z
M
30kHz Step
10.64MHz
±30kHz
10.67MHz
±30kHz
10.70MHz
±30kHz
10.73MHz
±30kHz
10.76MHz
±30kHz
25kHz Step
10.650MHz
±25kHz
10.675MHz
±25kHz
10.700MHz
±25kHz
10.725MHz
±25kHz
10.750MHz
±25kHz
Combination A,B,C,D,E
Combination A,B,C
s Frequency Characteristics
SFELA10M7KAB0-B0
Frequency (MHz)
0
10.700
10.740
10.780
10.660
10.620
8.00
1
7.50
2
7.00
3
6.50
4
6.00
5
5.50
6
5.00
7
4.50
SFELA10M7JAB0-B0
Frequency (MHz)
0
10.700
10.800
10.900
10.600
10.500
7.00
1
6.50
6.00
3
2
5.50
4
5.00
5
4.50
6
4.00
7
3.50
SFELA10M7HAB0-B0
10.500
10.600
10.700
10.800
10.900
0
6.50
Frequency (MHz)
1
6.00
2
5.50
3
5.00
4
4.50
5
4.00
6
3.50
7
3.00
SFELA10M7GAB0-B0
10.500
10.600
10.700
10.800
10.900
0
6.00
Frequency (MHz)
1
5.50
2
5.00
3
4.50
4
4.00
5
3.50
6
3.00
7
2.50
SFELA10M7FAB0-B0
10.500
10.600
10.700
10.800
10.900
0
5.00
Frequency (MHz)
1
4.50
2
4.00
3
3.50
4
3.00
5
2.50
6
2.00
7
1.50


Similar Part No. - SFELA10M7GAA0-B0

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
SFELA10M7GA00-B0 MURATA-SFELA10M7GA00-B0 Datasheet
60Kb / 3P
   CERAFIL 10.7MHz Standard Lead Type
More results

Similar Description - SFELA10M7GAA0-B0

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
SFE10.7MS2-Z.7 MURATA1-SFE10.7MS2-Z.7 Datasheet
404Kb / 23P
   CERAMIC FILTER (CERAFIL®) For FM Receivers
logo
Murata Manufacturing Co...
SFECF10M7EA00-R0 MURATA-SFECF10M7EA00-R0 Datasheet
26Kb / 1P
   CERAFIL for FM
SFVLF10M7MF00-B0 MURATA-SFVLF10M7MF00-B0 Datasheet
20Kb / 1P
   CERAFIL for FM
logo
TOKO, Inc
CFSKNS TOKO-CFSKNS Datasheet
205Kb / 2P
   FM CERAMIC FILTERS
CFSKNX TOKO-CFSKNX Datasheet
125Kb / 1P
   FM CERAMIC FILTERS
CFSKNG TOKO-CFSKNG Datasheet
123Kb / 1P
   FM CERAMIC FILTERS
SL107M1-AO-10 TOKO-SL107M1-AO-10 Datasheet
134Kb / 1P
   FM Ceramic Filters
SC107M2-A0-20C TOKO-SC107M2-A0-20C Datasheet
139Kb / 1P
   FM Ceramic Filters
SK107MAN-AO-10 TOKO-SK107MAN-AO-10 Datasheet
239Kb / 2P
   FM Ceramic Filters
logo
Token Electronics Indus...
LT10.7MA5AP TOKEN-LT10.7MA5AP Datasheet
358Kb / 4P
   LT10.7M Ceramic Filters for FM Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com