Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

42AA Datasheet(PDF) 2 Page - Texas Instruments

Part # 42AA
Description  40/41/42AA Series ELECTRONIC MOTOR PROTECTION
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

42AA Datasheet(HTML) 2 Page - Texas Instruments

  42AA Datasheet HTML 1Page - Texas Instruments 42AA Datasheet HTML 2Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Summary of Protection
Features
For further information write or call:
Texas Instruments Incorporated
34 Forest St., MS 2-3
Attleboro, MA 02703-0964
Phone: (508) 236-3617
Fax:
(508) 236-1949
www.ti.com/snc/products/controls/motor-aa.htm
Protected Conditions
Envelope Drawing
Electrical Schematic
-
Thermal Motor Specification*
Specifications
40AA, 42AA Series
41AA Series
40AA, 42AA Series
41AA Series
40AA Single Channel Ratings (Series Sensors)
Sensor Trip Resistance
Sensor Reset Resistance
Sensor Resistance @ 25oC
41AA Three Channel Ratings (Parellel Sensors)
Sensor Trip Resistance
Sensor Reset Resistance
Sensor Resistance @ 25oC
42AA Single Channel Ratings (Series Sensors)
Sensor Trip Resistance
Sensor Reset Resistance
Sensor Resistance @ 25oC
Nominal Resistance
28.0 K
11.0 K
1.5 - 7.5 K
Nominal Resistance
14.0 K
3.25 K
0.5 - 2.5 K
Nominal Resistance
20.0 K
Manual Reset
1.5 - 7.5 K
*Resistance measurement with analog meter instrument on Mark B sensors.
• Locked Rotor
• Running Overload
• High Motor Ambient
• Blocked Ventilation
• Single Phasing
• Loss of Hermetic Compressor Charge
• Thermal overload of Windings
• Low Voltage Cutout
• Electrically - Isolated Power Supply
• Power Off Manual Resaet
•Automatic Reset with Minimum Off Delay
Timer
• UL File Number SA3745 (41AA)
• UL/CSA/CE pending on all other ratings
Supply Voltages........
Frequency..................
Control Circuit..........
Minimum
Permissible Load......
Maximum Load........
Cycle Life..................
Weight.........................
24VAC or
115-230
VAC (
±15%)
50/60 Hz
2.5A, 600VA, 250V Max.
5VDC, 100mA
30VDC
250k Cycles Min.
290 Grams
40/41/42AA Series
ELECTRONIC
MOTOR PROTECTION
M1
M2
L1
L2
XC
81
2x ø .147 THRU
3.200
2.838
±.019
.181
.225
2.550
±.020
1.467
2.550
±.020
6X .250 X .032 MALE QUICK CONNECT
TERMINAL TIN PLATED BRASS
M1
M2
L1
L2
X
C
81
82
83
2x ø .147 THRU
3.200
2.838
±.019
.181
.225
2.550
±.020
1.467
2.550
±.020
8X .250 X .032 MALE QUICK CONNECT
TERMINAL TIN PLATED BRASS
Important Notice: Texas Instruments (TI) reserves the right to
make changes to or discontinue any product or service identified
in this publication without notice. TI advises its customers to
obtain the latest version of the relevant information to verify,
before placing any orders, that the information being relied upon
is current. TI assumes no responsibility for infringements of
patents or rights of others based on TI applications assistance
or product specifications since TI does not possess full access
concerning the use or application of customers' products. TI
also assumes no responsibility for customers' product designs.
Printed in U.S.A. 11/2003


Similar Part No. - 42AA

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
42A JIANGSU-42A Datasheet
1Mb / 3P
   TO-220-3L Plastic-Encapsulate Transistors
logo
Grayhill, Inc
42A36-01-1-07N GRAYHILL-42A36-01-1-07N Datasheet
673Kb / 1P
   Adjustable Stop Rotary Switches
42A36-01-1-07S GRAYHILL-42A36-01-1-07S Datasheet
673Kb / 1P
   Adjustable Stop Rotary Switches
logo
Toshiba Semiconductor
42AV554D TOSHIBA-42AV554D Datasheet
13Mb / 196P
   LCD Color Television
Ver. 2.02
More results

Similar Description - 42AA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MA1082-HVLGN ETC-MA1082-HVLGN Datasheet
116Kb / 2P
   MagLev Motor AC Fan 40-41 CFM
logo
Littelfuse
PGR-6130 LITTELFUSE-PGR-6130 Datasheet
1Mb / 1P
   Motor Protection–Electronic Overload (PGR 6000 Family)
2013 Rev: 4-A-050213
MP8000 LITTELFUSE-MP8000 Datasheet
657Kb / 2P
   The MP8000 are advanced motor protection electronic overload relays
logo
PHOENIX CONTACT
102145 PHOENIX-102145 Datasheet
125Kb / 6P
   Electronic Motor Management
2963556 PHOENIX-2963556 Datasheet
124Kb / 6P
   Electronic Motor Management
logo
Unisonic Technologies
USP720 UTC-USP720 Datasheet
133Kb / 5P
   ELECTRONIC PROTECTION ARRAY FOR ESD
logo
Littelfuse
SP721 LITTELFUSE-SP721 Datasheet
97Kb / 6P
   Electronic Protection Array for ESD and Overvoltage Protection
logo
New Jersey Semi-Conduct...
1N4946 NJSEMI-1N4946 Datasheet
110Kb / 1P
   DO-41
logo
EPCOS
B59100M1060A070 EPCOS-B59100M1060A070 Datasheet
79Kb / 4P
   Motor Protection, Single Sensors
logo
GREEGOO Electric Co.,Lt...
E3VU13 GREEGOO-E3VU13 Datasheet
1Mb / 10P
   Motor protection circuit breaker
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com