Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

41AA1600E Datasheet(PDF) 2 Page - Texas Instruments

Part No. 41AA1600E
Description  40/41/42AA Series ELECTRONIC MOTOR PROTECTION
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

41AA1600E Datasheet(HTML) 2 Page - Texas Instruments

  41AA1600E Datasheet HTML 1Page - Texas Instruments 41AA1600E Datasheet HTML 2Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Summary of Protection
Features
For further information write or call:
Texas Instruments Incorporated
34 Forest St., MS 2-3
Attleboro, MA 02703-0964
Phone: (508) 236-3617
Fax:
(508) 236-1949
www.ti.com/snc/products/controls/motor-aa.htm
Protected Conditions
Envelope Drawing
Electrical Schematic
-
Thermal Motor Specification*
Specifications
40AA, 42AA Series
41AA Series
40AA, 42AA Series
41AA Series
40AA Single Channel Ratings (Series Sensors)
Sensor Trip Resistance
Sensor Reset Resistance
Sensor Resistance @ 25oC
41AA Three Channel Ratings (Parellel Sensors)
Sensor Trip Resistance
Sensor Reset Resistance
Sensor Resistance @ 25oC
42AA Single Channel Ratings (Series Sensors)
Sensor Trip Resistance
Sensor Reset Resistance
Sensor Resistance @ 25oC
Nominal Resistance
28.0 K
11.0 K
1.5 - 7.5 K
Nominal Resistance
14.0 K
3.25 K
0.5 - 2.5 K
Nominal Resistance
20.0 K
Manual Reset
1.5 - 7.5 K
*Resistance measurement with analog meter instrument on Mark B sensors.
• Locked Rotor
• Running Overload
• High Motor Ambient
• Blocked Ventilation
• Single Phasing
• Loss of Hermetic Compressor Charge
• Thermal overload of Windings
• Low Voltage Cutout
• Electrically - Isolated Power Supply
• Power Off Manual Resaet
•Automatic Reset with Minimum Off Delay
Timer
• UL File Number SA3745 (41AA)
• UL/CSA/CE pending on all other ratings
Supply Voltages........
Frequency..................
Control Circuit..........
Minimum
Permissible Load......
Maximum Load........
Cycle Life..................
Weight.........................
24VAC or
115-230
VAC (
±15%)
50/60 Hz
2.5A, 600VA, 250V Max.
5VDC, 100mA
30VDC
250k Cycles Min.
290 Grams
40/41/42AA Series
ELECTRONIC
MOTOR PROTECTION
M1
M2
L1
L2
XC
81
2x ø .147 THRU
3.200
2.838
±.019
.181
.225
2.550
±.020
1.467
2.550
±.020
6X .250 X .032 MALE QUICK CONNECT
TERMINAL TIN PLATED BRASS
M1
M2
L1
L2
X
C
81
82
83
2x ø .147 THRU
3.200
2.838
±.019
.181
.225
2.550
±.020
1.467
2.550
±.020
8X .250 X .032 MALE QUICK CONNECT
TERMINAL TIN PLATED BRASS
Important Notice: Texas Instruments (TI) reserves the right to
make changes to or discontinue any product or service identified
in this publication without notice. TI advises its customers to
obtain the latest version of the relevant information to verify,
before placing any orders, that the information being relied upon
is current. TI assumes no responsibility for infringements of
patents or rights of others based on TI applications assistance
or product specifications since TI does not possess full access
concerning the use or application of customers' products. TI
also assumes no responsibility for customers' product designs.
Printed in U.S.A. 11/2003


Similar Part No. - 41AA1600E

ManufacturerPart No.DatasheetDescription
Jiangsu Changjiang Electronics Technology Co., Ltd
Jiangsu Changjiang Elec...
41A JIANGSU-41A Datasheet
3Mb / 3P
   TO-220-3L Plastic-Encapsulate Transistors
List of Unclassifed Manufacturers
List of Unclassifed Man...
41AC113 ETC2-41AC113 Datasheet
128Kb / 1P
   AC/DC ADAPTOR
41AC119 ETC2-41AC119 Datasheet
120Kb / 1P
   AC/DC Adaptor
More results

Similar Description - 41AA1600E

ManufacturerPart No.DatasheetDescription
List of Unclassifed Manufacturers
List of Unclassifed Man...
MA1082-HVLGN ETC-MA1082-HVLGN Datasheet
116Kb / 2P
   MagLev Motor AC Fan 40-41 CFM
PHOENIX CONTACT
PHOENIX CONTACT
102145 PHOENIX-102145 Datasheet
125Kb / 6P
   Electronic Motor Management
2963556 PHOENIX-2963556 Datasheet
124Kb / 6P
   Electronic Motor Management
Littelfuse
Littelfuse
MP8000 LITTELFUSE-MP8000 Datasheet
657Kb / 2P
   The MP8000 are advanced motor protection electronic overload relays
SB502J1K LITTELFUSE-SB502J1K Datasheet
224Kb / 2P
   SB Series LL-41 MELF Thermistors
Revised: 07/07/20
Unisonic Technologies
Unisonic Technologies
USP720 UTC-USP720 Datasheet
133Kb / 5P
   ELECTRONIC PROTECTION ARRAY FOR ESD
Fuji Electric
Fuji Electric
EDS10-17E FUJI-EDS10-17E Datasheet
131Kb / 8P
   FC SERIES ELECTRONIC INTEGRATOR
EDS11-107E FUJI-EDS11-107E Datasheet
75Kb / 4P
   FC SERIES ELECTRONIC INDICATOR
EDS10-14B FUJI-EDS10-14B Datasheet
184Kb / 3P
   FC SERIES ELECTRONIC INDICATOR
EDS11-117C FUJI-EDS11-117C Datasheet
73Kb / 4P
   FC SERIES ELECTRONIC INDICATOR
More results


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz