Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY27H512 Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY27H512
Description  64K x 8 High-Speed CMOS EPROM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY27H512 Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY27H512 Datasheet HTML 1Page - Cypress Semiconductor CY27H512 Datasheet HTML 2Page - Cypress Semiconductor CY27H512 Datasheet HTML 3Page - Cypress Semiconductor CY27H512 Datasheet HTML 4Page - Cypress Semiconductor CY27H512 Datasheet HTML 5Page - Cypress Semiconductor CY27H512 Datasheet HTML 6Page - Cypress Semiconductor CY27H512 Datasheet HTML 7Page - Cypress Semiconductor CY27H512 Datasheet HTML 8Page - Cypress Semiconductor CY27H512 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
CY27H512
PRELIMINARY
5
Erasure Characteristics
Wavelengths of light less than 4000 Angstroms begin to erase the
CY27H512 in the windowed package. For this reason, an opaque
label should be placed over the window if the EPROM is exposed
to sunlight or fluorescent lighting for extended periods of time.
The recommended dose of ultraviolet light for erasure is a wave
length of 2537 Angstroms for a minimum dose (UV intensity mul
tiplied by exposure time) of 25 Wsec/cm2. For an ultraviolet lamp
with a 12 mW/cm2 power rating, the exposure time would be ap
proximately 35 minutes. The CY27H512 needs to be within 1 inch
of the lamp during erasure. Permanent damage may result if the
EPROM is exposed to highintensity UV light for an extended pe
riod of time. 7258 Wsec/cm2 is the recommended maximum
dosage.
Programming Modes
Programming support is available from Cypress as well as from a
number of thirdparty software vendors. For detailed program
ming information, including a listing of software packages, please
see the PROM Programming Information located at the end of
this section. Programming algorithms can be obtained from any
Cypress representative.
Table 1. Programming Electrical Characteristics
Parameter
Description
Min.
Max.
Unit
VPP
Programming Power Supply
12.5
13
V
IPP
Programming Supply Current
50
mA
VIHP
Programming Input Voltage HIGH
3.0
VCC
V
VILP
Programming Input Voltage LOW
-0.5
0.4
V
VCCP
Programming VCC
6.0
6.5
V
Table 2. Mode Selection
Pin Function[8]
Mode
CE
OE/VPP
A0
A9
Data
Read
VIL
VIL
A0
A9
O7 - O0
Output Disable
X
VIH
A0
A9
High Z
Standby
VIH
X
X
X
High Z
Program
VILP
VPP
A0
A9
D7 - D0
Program Verify
VILP
VILP
A0
A9
O7 - O0
Program Inhibit
VIHP
VPP
A0
A9
High Z
Signature Read (MFG)
VIL
VIL
VIL
VHV[9]
34H
Signature Read (DEV)
VIL
VIL
VIH
VHV[9]
1FH
Note:
8. X can be VIL or VIH.
9. VHV=12±0.5V


Similar Part No. - CY27H512

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY27H010-25JC CYPRESS-CY27H010-25JC Datasheet
212Kb / 9P
   128K x 8 High-Speed CMOS EPROM
CY27H010-25ZC CYPRESS-CY27H010-25ZC Datasheet
212Kb / 9P
   128K x 8 High-Speed CMOS EPROM
CY27H010-30JC CYPRESS-CY27H010-30JC Datasheet
212Kb / 9P
   128K x 8 High-Speed CMOS EPROM
CY27H010-30PC CYPRESS-CY27H010-30PC Datasheet
212Kb / 9P
   128K x 8 High-Speed CMOS EPROM
CY27H010-30WC CYPRESS-CY27H010-30WC Datasheet
212Kb / 9P
   128K x 8 High-Speed CMOS EPROM
More results

Similar Description - CY27H512

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
27C64 MICROCHIP-27C64 Datasheet
126Kb / 10P
   64K (8K x 8) CMOS EPROM
2004
logo
AMIC Technology
A276308 AMICC-A276308 Datasheet
127Kb / 15P
   64K X 8 OTP CMOS EPROM
logo
Microchip Technology
27C512A MICROCHIP-27C512A_04 Datasheet
133Kb / 10P
   512K (64K x 8) CMOS EPROM
2004
27C512A MICROCHIP-27C512A Datasheet
69Kb / 12P
   512K (64K x 8) CMOS EPROM
1996
logo
Macronix International
MX27L512 MCNIX-MX27L512 Datasheet
760Kb / 14P
   512K-BIT [64K x 8] CMOS EPROM
logo
NXP Semiconductors
27HC641 PHILIPS-27HC641 Datasheet
273Kb / 8P
   64K BIT CMOS EPROM (8K X 8)
November 12 1990
logo
ATMEL Corporation
AT27C512R ATMEL-AT27C512R Datasheet
249Kb / 9P
   512K 64K x 8 OTP CMOS EPROM
logo
NXP Semiconductors
27C64A PHILIPS-27C64A Datasheet
528Kb / 14P
   64K-bit CMOS EPROM(8K x 8)
November 12 1990
logo
ATMEL Corporation
AT27BV512 ATMEL-AT27BV512 Datasheet
229Kb / 9P
   512K 64K x 8 Unregulated Battery-Voltage High Speed OTP CMOS EPROM
logo
Fairchild Semiconductor
FM27C512 FAIRCHILD-FM27C512 Datasheet
100Kb / 10P
   524,288-Bit (64K x 8) High Performance CMOS EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com