Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C9630 Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # C9630
Description  PC133 Clock Generator for SiS630/Pentium III & SiS540/Socket7 Applications
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

C9630 Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button C9630 Datasheet HTML 3Page - Cypress Semiconductor C9630 Datasheet HTML 4Page - Cypress Semiconductor C9630 Datasheet HTML 5Page - Cypress Semiconductor C9630 Datasheet HTML 6Page - Cypress Semiconductor C9630 Datasheet HTML 7Page - Cypress Semiconductor C9630 Datasheet HTML 8Page - Cypress Semiconductor C9630 Datasheet HTML 9Page - Cypress Semiconductor C9630 Datasheet HTML 10Page - Cypress Semiconductor C9630 Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
PC133 Clock Generator for SiS630/Pentium
®III & SiS540/Socket7 Applications
Cypress Semiconductor Corporation
525 Los Coches St.
Document#: 38-07035 Rev. **
05/02/2001
Milpitas, CA 95035. Tel: 408-263-6300, Fax: 408-263-6571
Page 7 of 18
http://www.cypress.com
APPROVED PRODUCT
C9630
Serial Control Registers (Cont.)
Byte 1: CPU Clock Register (1 = enable, 0 = Stopped)
Bit
@Pup
Pin#
Description
7
1
-
Selects Frequency at pin 25
1 = selects 24MHz (default)
0 = selects 48MHz
6
1
-
SSTS, See Table 4, p 11
5
1
-
Reserved for IMI test^
4
1
-
Reserved for IMI test^
3
1
43
CPU2 enable/Stopped
2
1
45
CPU1 enable/Stopped
1
1
46
CPU0 enable/Stopped
0
1
-
Reserved for IMI test^
Byte 2: PCI Clock Register (1 = enable, 0 = Stopped)
Bit
@Pup
Pin#
Description
71
-
Reserved
6
1
14
PCI6 enable/Stopped
5
1
13
PCI5 enable/Stopped
4
1
12
PCI4 enable/Stopped
3
1
11
PCI3 enable/Stopped
2
1
9
PCI2 enable/Stopped
1
1
8
PCI1 enable/Stopped
0
1
7
PCI0 enable/Stopped
Byte 3: SDRAM Clock Register (1 = enable, 0 = Stopped)
Bit
@Pup
Pin#
Description
7
1
32
SDRAM7 enable/Stopped
6
1
31
SDRAM6 enable/Stopped
5
1
29
SDRAM5 enable/Stopped
4
1
28
SDRAM4 enable/Stopped
3
1
21
SDRAM3 enable/Stopped
2
1
20
SDRAM2 enable/Stopped
1
1
18
SDRAM1 enable/Stopped
0
1
17
SDRAM0 enable/Stopped
Byte 4: Additional SDRAM Clock Register (1=enable, 0=Stopped)
Bit
@Pup
Pin#
Description
7
1
25
24_48MHz enable/Stopped
6
1
26
48 MHz enable/Stopped
5
1
41
SDRAM13 enable/Stopped
4
1
40
SDRAM12 enable/Stopped
3
1
38
SDRAM11 enable/Stopped
2
1
37
SDRAM10 enable/Stopped
1
1
35
SDRAM9 enable/Stopped
0
1
34
SDRAM8 enable/Stopped
Byte 5: Peripheral Control (1 = enable, 0 = Stopped)
Bit
@Pup
Pin#
Description
71
-
MBS1, See table 4, p. 11 for
Spread Spectrum
61
-
MBS0, See table 4, p.11 for
Spread Spectrum
5
1
-
S3# *
4
1
-
S2# *
3
1
-
S1# *
2
1
-
S0# *
1
1
48
REF1 enable/Stopped
0
1
2
REF0 enable/Stopped
*Inverted read back of hardware settings.
Byte 6: Reserved Register (1 = enable, 0 = Stopped)
Bit
@Pup
Pin#
Description
7
0
-
Reserved for IMI test^
60
-
50
-
4
0
-
Reserved for IMI test^
3
0
-
Reserved for IMI test
2
1
-
Reserved for IMI test
10
-
N9, MSB
00
-
N8
Byte 7: Dial-a-Frequency® N Register (1 = enable, 0 = Stopped)
Bit
@Pup
Pin#
Description
70
-
N7
60
-
N6
50
-
N5
40
-
N4
30
-
N3
20
-
N2
10
-
N1
0
0
-
N0, LSB
Byte 8: Dial-a-Frequency® R Register (1 = enable, 0 = Stopped)
Bit
@Pup
Pin#
Description
70
-
R6, MSB
60
-
R5
50
-
R4
40
-
R3
30
-
R2
20
-
R1
1
0
-
R0, LSB
0
0
-
1 = Enable SMBus N and R


Similar Part No. - C9630

ManufacturerPart #DatasheetDescription
logo
PerkinElmer Optoelectro...
C963 PERKINELMER-C963 Datasheet
859Kb / 11P
   CHANNEL PHOTO MULTIPLIER
C963P PERKINELMER-C963P Datasheet
859Kb / 11P
   CHANNEL PHOTO MULTIPLIER
More results

Similar Description - C9630

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
C9851 CYPRESS-C9851 Datasheet
122Kb / 14P
   Clock Generator for Pentium III Server and Workstation Applications
logo
Pericom Semiconductor C...
PI6C671F PERICOM-PI6C671F Datasheet
199Kb / 7P
   Clock Generator for Pentium Modules
logo
List of Unclassifed Man...
UT8586SC ETC1-UT8586SC Datasheet
87Kb / 6P
   CLOCK GENERATOR FOR PENTIUM BASED SYSTEM
logo
Freescale Semiconductor...
MPC9850 FREESCALE-MPC9850 Datasheet
247Kb / 12P
   Clock Generator for PowerQUICC III
logo
Integrated Device Techn...
XC9850 IDT-XC9850 Datasheet
322Kb / 10P
   Clock Generator for PowerQUICC III
logo
Integrated Circuit Syst...
ICS9248-134 ICST-ICS9248-134 Datasheet
294Kb / 13P
   Frequency Timing Generator for PENTIUM II/III Systems
ICS9158-05 ICST-ICS9158-05 Datasheet
175Kb / 7P
   Buffered Clock Generator for Pentium??/Triton??Systems
ICS9250-11 ICST-ICS9250-11 Datasheet
194Kb / 8P
   Frequency Timing Generator for PENTIUM II/III Systems
ICS9250-12 ICST-ICS9250-12 Datasheet
395Kb / 12P
   Frequency Timing Generator for PENTIUM II/III Systems
logo
Renesas Technology Corp
ICS9250-12 RENESAS-ICS9250-12 Datasheet
813Kb / 13P
   Frequency Timing Generator for PENTIUM II/III Systems
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com