Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FD400B8N Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # FD400B8N
Description  RELAIS HERMETIQUE 2 RT DOUBLE COUPURE 10 A/56 Vcc
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

FD400B8N Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  FD400B8N Datasheet HTML 1Page - List of Unclassifed Manufacturers FD400B8N Datasheet HTML 2Page - List of Unclassifed Manufacturers FD400B8N Datasheet HTML 3Page - List of Unclassifed Manufacturers FD400B8N Datasheet HTML 4Page - List of Unclassifed Manufacturers FD400B8N Datasheet HTML 5Page - List of Unclassifed Manufacturers FD400B8N Datasheet HTML 6Page - List of Unclassifed Manufacturers FD400B8N Datasheet HTML 7Page - List of Unclassifed Manufacturers FD400B8N Datasheet HTML 8Page - List of Unclassifed Manufacturers FD400B8N Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
SCHEMA
FD400
SYSTEME DE REFERENCES
FD400
J
2
N
Référence de base_________________________________|
|
|
|
1-Fixation (A,B,C,D,G,J,K,O,R)__________________________|
|
|
2-Type de sortie (1,2,4,8)__________________________________|
|
3-Code bobine (A,B,C,E,N,V)_____________________________________|
REMARQUES
1. Les relais avec fixations B, D et la sortie 4 sont compatibles avec les socles des familles S400, SF400 et SFD 400.
2. Possibilité de cales isolantes.
3. Autres fixations ou sorties: nous consulter.
CARACTERISTIQUES TYPIQUES DONNEES A TITRE INDICATIF
q
Variation de la résistance bobine en température: Voir note d'application n° 001
q
Constante de temps L/R des bobines: 11 ms
Date d'édition: 6/00
- 92 -
Page 4 / 4


Similar Part No. - FD400B8N

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
FD400R07PE4R_B6 INFINEON-FD400R07PE4R_B6 Datasheet
839Kb / 10P
   EconoPACK4 Modul mit Trench
2013-11-11 revision:3.0
FD400R12KE3 INFINEON-FD400R12KE3 Datasheet
497Kb / 9P
   62mm C-Serien Modul mit Trench/Feldstop IGBT3 und Emitter Controlled High Efficiency Diode
2013-10-03 revision:3.0
logo
eupec GmbH
FD400R12KE3_B5 EUPEC-FD400R12KE3_B5 Datasheet
274Kb / 8P
   62mm C-series module with trench/fieldstop IGBT3 and EmCon High Efficiency series diode
logo
Infineon Technologies A...
FD400R12KE3_B5 INFINEON-FD400R12KE3_B5 Datasheet
434Kb / 8P
   62mm C-Serien Modul mit Trench/Feldstop IGBT3 und Emitter Controlled High Efficiency Reihendiode
2013-10-03 revision:2.0
logo
eupec GmbH
FD400R12KF4 EUPEC-FD400R12KF4 Datasheet
78Kb / 5P
   Marketing Information
More results

Similar Description - FD400B8N

ManufacturerPart #DatasheetDescription
logo
celduc-relais
SCB945600 CELDUC-SCB945600 Datasheet
129Kb / 3P
   Relais Statique Double Double Solid State Relay
logo
ZETTLER Electronics
AZ696 ZETTLER-AZ696 Datasheet
981Kb / 4P
   Relais
logo
FCI connector
10085176 FCI-CONNECTOR-10085176 Datasheet
354Kb / 6P
   SMT DOUBLE ROW VCC ASEEMBLY
logo
celduc-relais
SDI0501710 CELDUC-SDI0501710 Datasheet
1,002Kb / 11P
   RELAIS STATIQUE A IGBT POUR COURANT CONTINU
XKLD31006 CELDUC-XKLD31006 Datasheet
414Kb / 5P
   RELAIS STATIQUE A MOSFET POUR COURANT CONTINU
SCM0150100 CELDUC-SCM0150100 Datasheet
345Kb / 5P
   RELAIS STATIQUE A MOSFET POUR COURANT CONTINU
SDI0501700 CELDUC-SDI0501700 Datasheet
1,002Kb / 11P
   RELAIS STATIQUE A IGBT POUR COURANT CONTINU
logo
List of Unclassifed Man...
OW5691 ETC-OW5691 Datasheet
99Kb / 4P
   Relais miniature de puissance
OA5612 ETC-OA5612 Datasheet
432Kb / 6P
   Relais de SECURITE
logo
PHOENIX CONTACT
2988735 PHOENIX-2988735 Datasheet
89Kb / 3P
   VISU 2 RT-D 1024
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com