Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UPC2708T Datasheet(PDF) 4 Page - NEC

Part No. UPC2708T
Description  3 GHz SILICON MMIC WIDE-BAND AMPLIFIER
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NEC [NEC]
Homepage  http://www.nec.com/
Logo 

UPC2708T Datasheet(HTML) 4 Page - NEC

   
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
TYPICAL PERFORMANCE CURVES (TA = 25°C)
UPC2708T
OUTPUT POWER vs. INPUT
POWER AND TEMPERATURE
-30
-25
-20
-15
-10
-5
0
5
15
10
5
0
-5
-10
-15
-20
f = 1.0 GHZ
VCC = 5.0 V
85˚ C
-40˚ C
TA = -25˚ C
Input Power, PIN (dBm)
-35
-30
-25
-20
-15
-10
-5
0
5
5
0
-5
-10
-15
-20
VCC = 5.0 V
f = 1.0 GHZ
85˚ C
-40˚ C
-20˚ C
TA = 25˚ C
Input Power, PIN (dBm)
UPC2711T
OUTPUT POWER vs. INPUT
POWER AND TEMPERATURE
-35 -30
-25
-20
-15
-10
-5
0
5
5
0
-5
-10
-15
-20
f = 1.0 GHZ
5.5 V
4.5 V
VCC = 5.0 V
UPC2711T
OUTPUT POWER vs. INPUT
POWER AND VOLTAGE
0
0.5
1.0
1.5
2.0
2.5
3.0
10
9
8
7
6
5
4
UPC2708T
UPC2711T
Frequency, f (GHz)
UPC2708T
OUTPUT POWER vs. INPUT
POWER AND VOLTAGE
-30
-25
-20
-15
-10
-5
0
5
15
10
5
0
-5
-10
-15
-20
f = 1.0 GHZ
5.5 V
4.5 V
VCC = 5.0 V
Input Power, PIN (dBm)
Input Power, PIN (dBm)
UPC2708T, UPC2711T
NOISE FIGURE vs. FREQUENCY


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn