Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

0402N0R5B201CG Datasheet(PDF) 9 Page - WALSIN TECHNOLOGY CORPORATION

Part No. 0402N0R5B201CG
Description  High voltage in a given case size
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

0402N0R5B201CG Datasheet(HTML) 9 Page - WALSIN TECHNOLOGY CORPORATION

Back Button 0402N0R5B201CG Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION 0402N0R5B201CG Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION 0402N0R5B201CG Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION 0402N0R5B201CG Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION 0402N0R5B201CG Datasheet HTML 9Page - WALSIN TECHNOLOGY CORPORATION 0402N0R5B201CG Datasheet HTML 10Page - WALSIN TECHNOLOGY CORPORATION 0402N0R5B201CG Datasheet HTML 11Page - WALSIN TECHNOLOGY CORPORATION 0402N0R5B201CG Datasheet HTML 12Page - WALSIN TECHNOLOGY CORPORATION 0402N0R5B201CG Datasheet HTML 13Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Multilayer Ceramic Capacitors
Approval Sheet
Page 9 of 13
ASC_Middle & High Voltage_003AE
Aug. 2018
Unit: pieces
10. RELIABILITY TEST CONDITIONS AND REQUIREMENTS
No.
Item
Test Condition
Requirements
1. Visual and
Mechanical
---
* No remarkable defect.
* Dimensions to conform to individual specification sheet.
2. Capacitance
Class I: (NP0)
Cap
≤1000pF, 1.0±0.2Vrms, 1MHz±10%
Cap>1000pF, 1.0±0.2Vrms, 1KHz±10%
Class II: (X7R, Y5V)
1.0±0.2Vrms, 1kHz±10%
*Before initial measurement (Class II only): To apply de-aging
at 150°C for 1hr then set for 24±2 hrs at room temp .
* Shall not exceed the limits given in the detailed spec.
3. Q/ D.F.
(Dissipation
Factor)
NP0: Cap
≥30pF, Q≥1000; Cap<30pF, Q≥400+20C
X7R:
≤2.5%
Y5V:
≤5.0%
4. Dielectric
Strength
* To apply voltage:
200V~300V
≥2 times VDC
400V~450V
≥1.2 times VDC
500V~999V
≥1.5 times VDC
1000V~3000V
≥1.2 times VDC
4000V
≥1.1 times VDC
* Duration: 1 to 5 sec.
* Charge & discharge current less than 50mA.
* No evidence of damage or flash over during test.
5. Insulation
Resistance
Rated voltage:
200~630V
To apply rated voltage (500V max.)
for 60 sec.
≥10G or RxC≥100 -F whichever is smaller
Rated voltage:
≥630V
To apply 500V for 60 sec.
6. Temperature
Coefficient
With no electrical load.
T.C.
Operating Temp
NP0
-55~125°C at 25°C
X7R
-55~125°C at 25°C
Y5V
-25~85°C at 20°C
*Before initial measurement (Class II only): To apply de-aging
at 150°C for 1hr then set for 24±2 hrs at room temp .
T.C.
Capacitance Change
NP0
Within ±30ppm/°C
X7R
Within ±15%
Y5V
Within +30%/-80%
7. Adhesive
Strength of
Termination
* Pressurizing force:
5N (
≤0603) and 10N (>0603)
* Test time: 10±1 sec.
* No remarkable damage or removal of the terminations.
8. Vibration
Resistance
* Vibration frequency: 10~55 Hz/min.
* Total amplitude: 1.5mm
* Test time: 6 hrs. (Two hrs each in three mutually
perpendicular directions.)
*Before initial measurement (Class II only): To apply de-aging
at 150°C for 1hr then set for 24±2 hrs at room temp .
*Cap./DF(Q) Measurement to be made after de-aging at 150°C
for 1hr then set for 24±2 hrs at room temp.
* No remarkable damage.
* Cap change and Q/D.F.: To meet initial spec.
9. Solderability
* Solder temperature: 235±5°C
* Dipping time: 2±0.5 sec.
95% min. coverage of all metalized area.
10. Bending Test
* The middle part of substrate shall be pressurized by means
of the pressurizing rod at a rate of about 1 mm per second until
the deflection becomes 1 mm and then the pressure shall be
maintained for 5±1 sec.
*Before initial measurement (Class II only): To apply de-aging
at 150°C for 1hr then set for 24±2 hrs at room temp .
* Measurement to be made after keeping at room temp. for
24±2 hrs.
* No remarkable damage.
* Cap change:
NP0: within ±5.0% or ±0.5pF whichever is larger.
X7R: within ±12.5%
Y5V: within ±30%
(This capacitance change means the change of capacitance under
specified flexure of substrate from the capacitance measured before
the test.)
11. Resistance to
Soldering Heat
* Solder temperature: 260±5°C
* Dipping time: 10±1 sec
* Preheating: 120 to 150°C for 1 minute before imme rse the
capacitor in a eutectic solder.
*Before initial measurement (Class II only): To apply de-aging
at 150°C for 1hr then set for 24±2 hrs at room temp .
*Cap. / DF(Q) / I.R. Measurement to be made after de-aging at
150°C for 1hr then set for 24±2 hrs at room temp.
* No remarkable damage.
* Cap change:
NP0: within ±2.5% or ±0.25pF whichever is larger.
X7R: within ±7.5%
Y5V: within ±20%
* Q/D.F., I.R. and dielectric strength: To meet initial requirements.
* 25% max. leaching on each edge.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn