Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

0402N0R5B201CG Datasheet(PDF) 7 Page - WALSIN TECHNOLOGY CORPORATION

Part No. 0402N0R5B201CG
Description  High voltage in a given case size
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

0402N0R5B201CG Datasheet(HTML) 7 Page - WALSIN TECHNOLOGY CORPORATION

Back Button 0402N0R5B201CG Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION 0402N0R5B201CG Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION 0402N0R5B201CG Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION 0402N0R5B201CG Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION 0402N0R5B201CG Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION 0402N0R5B201CG Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION 0402N0R5B201CG Datasheet HTML 9Page - WALSIN TECHNOLOGY CORPORATION 0402N0R5B201CG Datasheet HTML 10Page - WALSIN TECHNOLOGY CORPORATION 0402N0R5B201CG Datasheet HTML 11Page - WALSIN TECHNOLOGY CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Multilayer Ceramic Capacitors
Approval Sheet
Page 7 of 13
ASC_Middle & High Voltage_003AE
Aug. 2018
8. CAPACITANCE RANGE (HIGH VOLTAGE - 1kV to 4kV)
8-1 NP0 Dielectric
DIELECTRIC
NP0
SIZE
0805
1206
1210
1808
1812
RATED VOLTAGE
1000
1000 1500 2000 1000 1500 2000 1000 1500 2000 3000 4000 1000 1500 2000 3000 4000
0.5pF (0R5)
D
1.0pF (1R0)
D
1.2pF (1R2)
D
1.5pF (1R5)
D
B
B
B
1.8pF (1R8)
D
B
B
B
2.0pF (2R0)
D
B
B
B
D
D
D
D
2.2pF (2R2)
D
B
B
B
D
D
D
D
2.7pF (2R7)
D
B
B
B
D
D
D
D
3.3pF (3R3)
D
B
B
B
D
D
D
D
3.9pF (3R9)
D
B
B
B
D
D
D
D
4.7pF (4R7)
D
B
B
B
D
D
D
D
5.6pF (5R6)
D
B
B
B
D
D
D
D
6.8pF (6R8)
D
B
B
B
D
D
D
D
8.2pF (8R2)
D
B
B
B
D
D
D
D
10pF (100)
D
B
B
B
C
C
C
D
D
D
D
D
D
D
D
D
D
12pF (120)
D
B
B
B
C
C
C
D
D
D
D
D
D
D
D
D
D
15pF (150)
D
B
B
B
C
C
C
D
D
D
D
D
D
D
D
D
D
18pF (180)
D
B
B
B
C
C
C
D
D
D
D
D
D
D
D
D
D
22pF (220)
D
B
B
B
C
C
C
D
D
D
D
G
D
D
D
D
D
27pF (270)
D
B
B
B
C
C
C
D
D
D
D
G
D
D
D
D
D
33pF (330)
D
B
C
C
C
C
C
D
D
D
D
K
D
D
D
D
D
39pF (390)
D
B
C
C
C
C
C
D
D
D
D
D
D
D
D
D
47pF (470)
D
C
C
C
C
C
C
D
D
D
D
D
D
D
D
G
56pF (560)
D
C
D
D
C
D
D
D
D
D
D
D
D
D
D
G
68pF (680)
D
C
D
D
C
D
D
D
D
D
D
D
D
D
D
K
82pF (820)
D
D
D
D
C
D
D
D
D
D
D
D
D
D
D
K
100pF (101)
D
D
D
D
D
D
D
D
D
K
K
D
D
D
D
120pF (121)
D
D
G
G
D
D
D
D
D
K
K
D
D
D
D
150pF (151)
D
D
G
G
D
G
G
D
K
K
K
D
D
D
D
180pF (181)
D
G
G
G
D
G
G
D
K
K
K
D
D
K
K
220pF (221)
D
G
G
G
G
G
G
D
K
K
K
D
D
K
K
270pF (271)
D
G
P
P
G
K
K
G
K
K
K
D
K
K
K
330pF (331)
D
G
P
P
G
K
K
G
K
K
K
D
K
K
K
390pF (391)
D
G
P
P
G
M
M
K
K
K
K
D
K
K
K
470pF (471)
G
G
M
M
K
K
K
K
K
K
K
560pF (561)
G
G
K
K
K
K
K
K
680pF (681)
G
G
K
K
K
K
K
K
820pF (821)
G
G
K/D
D
D
K
K
K
1,000pF (102)
G
G
K/G
G
G
K
K
K
1,200pF (122)
G
G
G
G
K
1,500pF (152)
K
G
K
K
K
1,800pF (182)
M
K
K
2,200pF (222)
M
K
K
2,700pF (272)
M
K
3,300pF (332)
M
K
3,900pF (392)
M
M
1. The letter in cell is expressed the symbol of product thickness.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn