Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IN74AC244 Datasheet(PDF) 4 Page - Integral Corp.

Part No. IN74AC244
Description  Octal 3-State Noninverting Buffer/Line Driver/Line Receiver High-Speed Silicon-Gate CMOS
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTEGRAL [Integral Corp.]
Homepage  http://www.iksemi.com/
Logo 

IN74AC244 Datasheet(HTML) 4 Page - Integral Corp.

   
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
IN74AC244
321
AC ELECTRICAL CHARACTERISTICS(C
L=50pF, Input tr=tf=3.0 ns)
VCC
*
Guaranteed Limits
Symbol
Parameter
V
25
°C-40°C to
85
°C
Unit
Min
Max
Min
Max
tPLH
Propagation Delay, A to YA or B to YB
(Figure 1)
3.3
5.0
2.0
1.5
9.0
7.0
1.5
1.0
10.0
7.5
ns
tPHL
Propagation Delay, A to YA or B to YB
(Figure 1)
3.3
5.0
2.0
1.5
9.0
7.0
2.0
1.0
10.0
7.5
ns
tPZH
Propagation Delay, Output Enable to YA or
YB (Figure 2)
3.3
5.0
2.0
1.5
10.5
7.0
1.5
1.5
11.0
8.0
ns
tPZL
Propagation Delay, Output Enable to YA or
YB (Figure 2)
3.3
5.0
2.5
1.5
10.0
8.0
2.0
1.5
11.0
8.5
ns
tPHZ
Propagation Delay, Output Enable to YA or
YB (Figure 2)
3.3
5.0
3.0
2.5
10.0
9.0
1.5
1.0
10.5
9.5
ns
tPLZ
Propagation Delay, Output Enable to YA or
YB (Figure 2)
3.3
5.0
2.5
2.0
10.5
9.0
2.5
2.0
11.5
9.5
ns
CIN
Maximum Input Capacitance
5.0
4.5
4.5
pF
Typical @25
°C,V
CC=5.0 V
CPD
Power Dissipation Capacitance
45
pF
*Voltage Range 3.3 V is 3.3 V
±0.3 V
Voltage Range 5.0 V is 5.0 V
±0.5 V
Figure 1. Switching Waveforms
Figure 2. Switching Waveforms


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn