Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MBCC-312 Datasheet(PDF) 5 Page - Banner Engineering Corp.

Part No. MBCC-312
Description  Q45BW22 Series Sensors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

MBCC-312 Datasheet(HTML) 5 Page - Banner Engineering Corp.

  MBCC-312 Datasheet HTML 1Page - Banner Engineering Corp. MBCC-312 Datasheet HTML 2Page - Banner Engineering Corp. MBCC-312 Datasheet HTML 3Page - Banner Engineering Corp. MBCC-312 Datasheet HTML 4Page - Banner Engineering Corp. MBCC-312 Datasheet HTML 5Page - Banner Engineering Corp. MBCC-312 Datasheet HTML 6Page - Banner Engineering Corp. MBCC-312 Datasheet HTML 7Page - Banner Engineering Corp. MBCC-312 Datasheet HTML 8Page - Banner Engineering Corp. MBCC-312 Datasheet HTML 9Page - Banner Engineering Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Specifications
Supply Voltage and Current
90 V ac to 250V ac (50 to 60 Hz)
Average current: 20 mA
Peak current: 500 mA at 120 V ac, 750 mA at 250 V ac
Supply Protection Circuitry
Protected against transient voltages
Output Configuration
Short circuit/overload protected FET solid-state relay
Output Rating
Continuous current: 300 mA max. to 50 °C (derate to 200 mA at
70 °C, 5 mA/°C)
Inrush current: 3 A maximum for 100 milliseconds, 5 A maximum for 1
millisecond
Off-state leakage current: <100 microamps
Saturation voltage: <3 V at 200 mA
Output Protection Circuitry
Manually-resettable output latch-out trips in the event of an output
overload or short circuit condition. The green Power LED flashes to
indicate the latch-out. To reset the output, remove power to the sensor
and load for 5 seconds, then restore power.
Output Response Time
Opposed mode: 2 milliseconds ON, 1 millisecond OFF
All other sensing modes: 2 milliseconds ON/OFF
NOTE: 100 millisecond delay on power-up.
Output is non-conducting during this time.
Required Overcurrent Protection
WARNING: Electrical connections must be
made by qualified personnel in accordance
with local and national electrical codes and
regulations.
Overcurrent protection is required to be provided by end product
application per the supplied table.
Overcurrent protection may be provided with external fusing or via
Current Limiting, Class 2 Power Supply.
Supply wiring leads < 24 AWG shall not be spliced.
For additional product support, go to www.bannerengineering.com.
Supply Wiring (AWG)
Required Overcurrent Protection (Amps)
20
5.0
22
3.0
24
2.0
26
1.0
28
0.8
30
0.5
Repeatability
Opposed mode: 0.25 milliseconds
All other sensing modes: 0.5 milliseconds
Response time and repeatability specifications are independent of
signal strength.
Adjustments
Located under the sensor’s transparent cover: Light/Dark Operate
select switch; and multi-turn Sensitivity control (allows precise
sensitivity setting—turn clockwise to increase gain). Optional logic and
logic/display modules have adjustable timing functions.
Indicators
Indicator LEDs are clearly visible beneath a raised transparent
polycarbonate dome on top of the sensor.
Power (green) LED: Lights whenever 90 V ac to 250 V ac power is
applied, and flashes to indicate output overload or output short circuit
Signal (red) AIDSystem LED: Lights whenever the sensor sees its
modulated light source, and pulses at a rate proportional to the
strength of the received light signal
Load (amber) LED: Lights whenever the output relay is energized
Optional 7-element LED: Signal strength display module
Construction
Molded reinforced thermoplastic polyester housing, o-ring-sealed
transparent polycarbonate cover, molded acrylic lenses, and stainless
steel hardware. Q45s are designed to withstand 1200 psi washdown.
The base of cabled models has a 1/2-in NPS integral internal conduit
thread.
Environmental Rating
NEMA 6P, IEC IP67
Connections
PVC-jacketed 2 m (6.5 ft) or 9 m (30 ft) cables, or 3-pin Mini-style (“Q”
suffix models) or 4-pin Micro-style (“Q1” suffix models) quick-
disconnect (QD) fittings are available. QD cables are ordered
separately.
Operating Conditions
Temperature: −40 °C to +70 °C (−40 °F to +158 °F)
90% at +50 °C maximum relative humidity (non-condensing)
Application Notes
Optional output timing modules are available.
Certifications
Q45BW22 Series Sensors
P/N 37209 Rev. F
www.bannerengineering.com - Tel: +1-763-544-3164
5


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn