Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MBCC-306 Datasheet(PDF) 1 Page - Banner Engineering Corp.

Part No. MBCC-306
Description  Q45BW22 Series Sensors
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BANNER [Banner Engineering Corp.]
Homepage  https://www.bannerengineering.com/us/en.html
Logo 

MBCC-306 Datasheet(HTML) 1 Page - Banner Engineering Corp.

 
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Datasheet
90 V ac to 250 V ac photoelectric sensors with protected solid-state relay output
Advanced one-piece photoelectric sensors with outstanding optical performance and
extremely rugged design
90 V ac to 250 V ac
Protected solid-state relay output; 300 mA max. load at up to 250 V ac
Multiple sensing modes include: opposed, diffuse, retroreflective and convergent, plus
glass and plastic fiber optic models
Selectable light/dark operate
Versatile plug-in modules available for output timing logic and/or signal strength display
Highly visible Power, Signal (AIDSystem1), and Output indicator LEDs
Choice of prewired 2 m (6.5 ft) or 9 m (30 ft) unterminated cable, plus Mini-style or
Micro-style quick-disconnect fittings
Versatile mounting options
Designed to withstand 1200 psi washdown; exceeds its NEMA 6P and IEC IP67 rating
WARNING: Not To Be Used for Personnel Protection
Never use this device as a sensing device for personnel protection. Doing so could lead to
serious injury or death. This device does not include the self-checking redundant circuitry necessary
to allow its use in personnel safety applications. A sensor failure or malfunction can cause either an
energized or de-energized sensor output condition.
Models
To order the 9 m (30 ft) cable model, add the suffix "W/30" to the cabled model number. For example Q452E W/30.
A model with a QD connector requires a mating cable.
Opposed-Mode Emitter (E) and Receiver (R) Models
Because of their extremely high excess gain, these opposed-mode sensors are an excellent option
for sensing in contaminated or dirty areas, and are also the best choice for long-range sensing.
OPPOSED
Infrared, 880 nm
Models
Range
Cable
Supply Voltage
Output Type
Q452E Emitter
60 m (200 ft)
2-wire 2m (6.5 ft)
90 V ac to 250V ac
SPST Solidstate Relay
Q45BW22R Receiver
3-wire 2m (6.5 ft)
Q452EQ Emitter
3-Pin Mini-style QD
Q452EQ1 Emitter
4-Pin Micro-style QD
Q45BW22RQ Receiver
3-Pin Mini-style QD
Q45BW22RQ1 Receiver
4-Pin Micro-style QD
1 U.S. Patent no. 4356393
Q45BW22 Series Sensors
Original Document
37209 Rev. F
2 November 2016
37209


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn