Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MBCC-306 Datasheet(PDF) 8 Page - Banner Engineering Corp.

Part No. MBCC-306
Description  Q45BW22 Series Sensors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

MBCC-306 Datasheet(HTML) 8 Page - Banner Engineering Corp.

Back Button MBCC-306 Datasheet HTML 3Page - Banner Engineering Corp. MBCC-306 Datasheet HTML 4Page - Banner Engineering Corp. MBCC-306 Datasheet HTML 5Page - Banner Engineering Corp. MBCC-306 Datasheet HTML 6Page - Banner Engineering Corp. MBCC-306 Datasheet HTML 7Page - Banner Engineering Corp. MBCC-306 Datasheet HTML 8Page - Banner Engineering Corp. MBCC-306 Datasheet HTML 9Page - Banner Engineering Corp. MBCC-306 Datasheet HTML 10Page - Banner Engineering Corp. MBCC-306 Datasheet HTML 11Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Diffuse High Power
Excess Gain
Beam Pattern
1
10
100
0.1 m
0.33 ft
1.0 m
3.3 ft
10 m
33 ft
0.01 m
0.033 ft
1000
E
X
C
E
S
S
G
A
I
N
DISTANCE
Q45DX
Diffuse Mode
3.0 m
10 ft
2.4 m
8 ft
1.8 m
6 ft
1.2 m
4 ft
0.6 m
2 ft
0
0
25 mm
50 mm
75 mm
25 mm
50 mm
75 mm
0
1.0 in
2.0 in
3.0 in
1.0 in
2.0 in
3.0 in
DISTANCE
Diffuse Mode
Q45DX
Convergent mode performance curves are based on a 90% reflectance white test card.
Convergent (CV and CVQ Models)
Convergent (CV4 and CV4Q Models)
Excess Gain
Beam Pattern
Excess Gain
Beam Pattern
1
10
100
10 mm
.4 in
100 mm
4 in
1000 mm
40 in
1 mm
.04 in
1000
E
X
C
E
S
S
G
A
I
N
DISTANCE
Q45CV
Convergent Mode
190 mm
7.5 in
150 mm
6.0 in
113 mm
4.5 in
75 mm
3.0 in
38 mm
1.5 in
0
0
1.2 mm
2.5 mm
3.8 mm
1.2 mm
2.5 mm
3.8 mm
0
0.05 in
0.10 in
0.15 in
0.05 in
0.10 in
0.15 in
DISTANCE
Q45CV
Convergent Mode
1
10
100
10 mm
.4 in
100 mm
4 in
1000 mm
40 in
1 mm
.04 in
1000
E
X
C
E
S
S
G
A
I
N
DISTANCE
Q45CV4
Convergent Mode
190 mm
7.5 in
150 mm
6.0 in
113 mm
4.5 in
75 mm
3.0 in
38 mm
1.5 in
0
0
1.2 mm
2.5 mm
3.8 mm
1.2 mm
2.5 mm
3.8 mm
0
0.05 in
0.10 in
0.15 in
0.05 in
0.10 in
0.15 in
DISTANCE
Q45CV4
Convergent Mode
Glass fiber optic diffuse mode performance curves are based on a 90% reflectance white test card.
Glass Fiber Optic, Infrared (Opposed Mode)
Glass Fiber Optic, Infrared (Diffuse Mode)
Excess Gain
Beam Pattern
Excess Gain
Beam Pattern
1
10
100
0.1 m
0.33 ft
1.0 m
3.3 ft
10 m
33 ft
0.01 m
0.03 ft
1000
E
X
C
E
S
S
G
A
I
N
DISTANCE
Q45F
Opposed Mode
IT23S Fibers
IT13S Fibers
2.0 m
75 in
1.6 m
60 in
1.2 m
45 in
0.8 m
30 in
0.4 m
15 in
0
0
50 mm
100 mm
150 mm
50 mm
100 mm
150 mm
0
2.0 in
4.0 in
6.0 in
2.0 in
4.0 in
6.0 in
DISTANCE
Q45F
Opposed Mode
IT23S Fibers
IT13S Fibers
1
10
100
10 mm
0.4 in
100 mm
4.0 in
1000 mm
40 in
1 mm
0.04 in
1000
E
X
C
E
S
S
G
A
I
N
DISTANCE
Q45F
Diffuse Mode
BT23S Fiber
BT13S Fiber
125 mm
5 in
100 mm
4 in
75 mm
3 in
50 mm
2 in
25 mm
1 in
0
0
1.3 mm
2.5 mm
3.8 mm
1.3 mm
2.5 mm
3.8 mm
0
0.05 in
0.10 in
0.15 in
0.05 in
0.10 in
0.15 in
DISTANCE
Q45F
Diffuse Mode
BT23S Fiber
BT13S Fiber
Q45BW22 Series Sensors
8
www.bannerengineering.com - Tel: +1-763-544-3164
P/N 37209 Rev. F


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn