Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBCC-330 Datasheet(PDF) 5 Page - Banner Engineering Corp.

Part # MBCC-330
Description  Q45VR3 Series Sensors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

MBCC-330 Datasheet(HTML) 5 Page - Banner Engineering Corp.

  MBCC-330 Datasheet HTML 1Page - Banner Engineering Corp. MBCC-330 Datasheet HTML 2Page - Banner Engineering Corp. MBCC-330 Datasheet HTML 3Page - Banner Engineering Corp. MBCC-330 Datasheet HTML 4Page - Banner Engineering Corp. MBCC-330 Datasheet HTML 5Page - Banner Engineering Corp. MBCC-330 Datasheet HTML 6Page - Banner Engineering Corp. MBCC-330 Datasheet HTML 7Page - Banner Engineering Corp. MBCC-330 Datasheet HTML 8Page - Banner Engineering Corp. MBCC-330 Datasheet HTML 9Page - Banner Engineering Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Specifications
Supply Voltage and Current
Universal voltage: 24 to 250 V ac, 50/60 Hz or 12 to 250 V dc (1.5 watts
maximum)
Supply Protection Circuitry
Protected against transient voltages
DC hookup is without regard to polarity.
Output Configuration
SPDT (Single-Pole, Double-Throw) electromechanical relay output. All models
except emitters.
Output Rating
Max. switching power (resistive load): 1250 VA, 150 W
Max. switching voltage (resistive load): 250 V ac, 125 V dc
Max. switching current (resistive load): 5 A @ 250 V ac, 5A @ 30 V dc derated
to 200 mA @ 125 V dc
Min. voltage and current: 5 V dc, 10 mA
Mechanical life of relay: 50,000,000 operations
Electrical life of relay at full resistive load: 100,000 operations
Output Protection Circuitry
Protected against false pulse on power-up
Output Response Time
15 milliseconds ON and OFF
Note: 100 millisecond delay on power-up. Relay is
de-energized during this time.
Required Overcurrent Protection
WARNING: Electrical connections must be made
by qualified personnel in accordance with local
and national electrical codes and regulations.
Overcurrent protection is required to be provided by end product application
per the supplied table.
Overcurrent protection may be provided with external fusing or via Current
Limiting, Class 2 Power Supply.
Supply wiring leads < 24 AWG shall not be spliced.
For additional product support, go to www.bannerengineering.com.
Supply Wiring (AWG)
Required Overcurrent Protection (Amps)
20
5.0
22
3.0
24
2.0
26
1.0
28
0.8
30
0.5
Repeatability
Opposed mode: 0.25 milliseconds
All other sensing modes: 0.5 milliseconds
Response time and repeatability specifications are independent of signal
strength
Adjustments
Light/Dark Operate select switch; and multi-turn Sensitivity control on top of
sensor beneath a transparent o-ring-sealed cover, allows precise sensitivity
setting (turn clockwise to increase gain). Optional logic and logic/display
modules have adjustable timing functions.
Indicators
Indicator LEDs are clearly visible beneath a raised transparent Lexan® dome on
top of the sensor.
Power (green) LED lights whenever 24 to 250 V ac, or 12 to 250 V dc power is
applied
Signal (red) AIDSystem LED lights whenever the sensor sees its modulated
light source, and pulses at a rate proportional to the strength of the received
light signal
Load (amber) LED lights whenever the output relay is energized
Optional 7-element LED signal strength display module
Construction
Molded reinforced thermoplastic polyester housing, o-ring-sealed transparent
Lexan®3 cover, molded acrylic lenses, and stainless steel hardware. Q45s are
designed to withstand 1200 psi washdown. The base of cabled models has a
1/2-inch NPS integral internal conduit thread.
Environmental Rating
NEMA 6P, IEC IP67
Connections
PVC-jacketed 2 m (6.5 ft) or 9 m (30 ft) unterminated cables, or Mini-style
quick-disconnect (QD) fittings are available (“Q”- suffix models). QD cables are
ordered separately.
Operating Conditions
Temperature: –25 °C to +55 °C (−13 °F to +131 °F)
90% at +50 °C maximum relative humidity (non-condensing)
Application Notes
Transient suppression is recommended for contacts switching inductive loads.
Optional output timing modules are available. See Output Timing Logic and
Signal Strength Display Modules on page 10 for more information.
Certifications
3 Lexan® is a registered trademark of General Electric Co.
Q45VR3 Series Sensors
P/N 53997 Rev. D
www.bannerengineering.com - Tel: +1-763-544-3164
5


Similar Part No. - MBCC-330

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
MBCC-330 BANNER-MBCC-330 Datasheet
627Kb / 11P
   Q45BW22 Series Sensors
MBCC-330 BANNER-MBCC-330 Datasheet
400Kb / 11P
   Q45VR2 Series Sensors
More results

Similar Description - MBCC-330

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
Q45X BANNER-Q45X Datasheet
243Kb / 6P
   Q45X Series Sensors
DS18 BANNER-DS18 Datasheet
751Kb / 5P
   DS18 Series Sensors
Q26 BANNER-Q26 Datasheet
653Kb / 7P
   Q26 Series Sensors
VS1 BANNER-VS1 Datasheet
588Kb / 5P
   VS1 Series Sensors
Q45BW13 BANNER-Q45BW13 Datasheet
325Kb / 8P
   Q45BW13 Series Sensors
TM18 BANNER-TM18 Datasheet
331Kb / 8P
   TM18 Series Sensors
logo
Carlo Gavazzi Holding A...
FLM CARLOGAVAZZI-FLM Datasheet
44Kb / 2P
   Proximity Magnetic Sensors Flux Sensors FLM Series
logo
Banner Engineering Corp...
Q45BB6 BANNER-Q45BB6 Datasheet
731Kb / 10P
   Q45BB6 Series Sensors
Q45BW22 BANNER-Q45BW22 Datasheet
627Kb / 11P
   Q45BW22 Series Sensors
Q45VR2 BANNER-Q45VR2 Datasheet
400Kb / 11P
   Q45VR2 Series Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com