Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MBCC-330 Datasheet(PDF) 10 Page - Banner Engineering Corp.

Part No. MBCC-330
Description  Q45VR2 Series Sensors
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BANNER [Banner Engineering Corp.]
Homepage  https://www.bannerengineering.com/us/en.html
Logo 

MBCC-330 Datasheet(HTML) 10 Page - Banner Engineering Corp.

 
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Retroreflective Targets
Banner offers a wide selection of high-quality retroreflective targets. See
www.bannerengineering.com for complete information.
Note: Polarized sensors require corner cube type
retroreflective targets. Non-polarized sensors may use any
retroreflective target.
Brackets
SMB30C
30 mm split clamp, black PBT
bracket
Stainless steel mounting
hardware included
Mounting hole for 30 mm
sensor
66
56
13
A
B
Hole center spacing: A=ø 45
Hole size: B=ø 27.2
SMB30MM
12-ga. stainless steel bracket
with curved mounting slots for
versatile orientation
Clearance for M6 (¼ in)
hardware
Mounting hole for 30 mm
sensor
70
57
A
B
C
57
Hole center spacing: A = 51, A to B = 25.4
Hole size: A = 42.6 x 7, B = ø 6.4, C = ø 30.1
SMB30SC
Swivel bracket with 30 mm
mounting hole for sensor
Black reinforced thermoplastic
polyester
Stainless steel mounting and
swivel locking hardware
included
67
58
29
B
A
Hole center spacing: A=ø 50.8
Hole size: A=ø 7.0, B=ø 30.0
Output Timing Logic and Signal Strength Display Modules
Q45 sensors easily accept the addition of output timing logic and signal strength display functions. Display modules have a seven-
element display that gives a more precise indication of excess gain than does the AIDsystem LED that is standard on Q45 sensors. The
modules listed below may be used with all Q45VR2 sensors. Refer to the module's datasheet for more information.
Models
Logic and/or Display Function
45LM58
Programmable output timing logic
45LM58D
Programmable output timing logic plus signal strength display
45LMD
Signal strength display only (no timing function)
Q45VR2 Series Sensors
10
www.bannerengineering.com - Tel: +1-763-544-3164
P/N 36339 Rev. H


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn