Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBCC-330 Datasheet(PDF) 8 Page - Banner Engineering Corp.

Part # MBCC-330
Description  Q45VR2 Series Sensors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

MBCC-330 Datasheet(HTML) 8 Page - Banner Engineering Corp.

Back Button MBCC-330 Datasheet HTML 3Page - Banner Engineering Corp. MBCC-330 Datasheet HTML 4Page - Banner Engineering Corp. MBCC-330 Datasheet HTML 5Page - Banner Engineering Corp. MBCC-330 Datasheet HTML 6Page - Banner Engineering Corp. MBCC-330 Datasheet HTML 7Page - Banner Engineering Corp. MBCC-330 Datasheet HTML 8Page - Banner Engineering Corp. MBCC-330 Datasheet HTML 9Page - Banner Engineering Corp. MBCC-330 Datasheet HTML 10Page - Banner Engineering Corp. MBCC-330 Datasheet HTML 11Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Dimensions
Opposed, Retro, and Diffuse Sensing Modes (Model Suffix E, R, D, DL, DX, LP, and LV)
Cabled Models
Quick-Disconnect Models
54.1 mm
(2.13")
44.5 mm
(1.75")
69.0 mm
(2.72")
87.6 mm
(3.45")
Internal Thread
(1/2–14NPSM)
30.0 mm
(1.18")
ø 6.1 (0.24")
2m (6.5') Cable
7.1 mm
(0.28")
4.5 mm (#10) Screw
Clearance (2)
50.8 mm
(2.00")
6.4 mm (0.25")
Lens Centerline
Transparent Cover (Gasketed)
View: Output Load Status
Open to Access: Sensitivity (Gain)
Adjustment
External thread (M30 x 1.5)
hex nut supplied
External Thread
M30 X 1.5
Mini-style QD Connector
14 mm (0.6")
Convergent Sensor Models
(CV and CV4)
Glass Fiber Optic Models
(F and FV)
Plastic Fiber Optic Models
(FP)
61.7 mm
(2.43")
60.5 mm
(2.38")
59.9 mm
(2.36")
Q45VR2 Series Sensors
8
www.bannerengineering.com - Tel: +1-763-544-3164
P/N 36339 Rev. H


Similar Part No. - MBCC-330

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
MBCC-330 BANNER-MBCC-330 Datasheet
414Kb / 11P
   Q45VR3 Series Sensors
MBCC-330 BANNER-MBCC-330 Datasheet
627Kb / 11P
   Q45BW22 Series Sensors
More results

Similar Description - MBCC-330

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
Q45VR3 BANNER-Q45VR3 Datasheet
414Kb / 11P
   Q45VR3 Series Sensors
Q45X BANNER-Q45X Datasheet
243Kb / 6P
   Q45X Series Sensors
DS18 BANNER-DS18 Datasheet
751Kb / 5P
   DS18 Series Sensors
Q26 BANNER-Q26 Datasheet
653Kb / 7P
   Q26 Series Sensors
VS1 BANNER-VS1 Datasheet
588Kb / 5P
   VS1 Series Sensors
Q45BW13 BANNER-Q45BW13 Datasheet
325Kb / 8P
   Q45BW13 Series Sensors
TM18 BANNER-TM18 Datasheet
331Kb / 8P
   TM18 Series Sensors
logo
Carlo Gavazzi Holding A...
FLM CARLOGAVAZZI-FLM Datasheet
44Kb / 2P
   Proximity Magnetic Sensors Flux Sensors FLM Series
logo
Banner Engineering Corp...
Q45BB6 BANNER-Q45BB6 Datasheet
731Kb / 10P
   Q45BB6 Series Sensors
Q45BW22 BANNER-Q45BW22 Datasheet
627Kb / 11P
   Q45BW22 Series Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com