Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MBCC-312 Datasheet(PDF) 1 Page - Banner Engineering Corp.

Part No. MBCC-312
Description  Q45VR2 Series Sensors
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BANNER [Banner Engineering Corp.]
Homepage  https://www.bannerengineering.com/us/en.html
Logo 

MBCC-312 Datasheet(HTML) 1 Page - Banner Engineering Corp.

 
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Datasheet
• Advanced one-piece photoelectric sensors with outstanding optical performance and
extremely rugged design
• Operate from 90 to 250 V ac (50/60 Hz)
• SPDT electromechanical relay output for economical, high-capacity switching and
immunity to electrical noise
• Multiple sensing modes include: opposed, diffuse, retroreflective, and convergent, plus
glass and plastic fiber optic models
• Switchable light/dark operate
• Versatile plug-in modules available for output timing logic and/or signal strength display
• Highly visible Power, Signal (AIDSystem 1), and Output indicator LEDs
• Choice of prewired 2 m (6.5 ft) or 9 m (30 ft) unterminated cable or Mini-style quick-
disconnect fitting
• Versatile mounting options
• Designed to withstand 1200 psi washdown; exceeds its NEMA 6P and IEC IP67 rating
WARNING: Not To Be Used for Personnel Protection
Never use this device as a sensing device for personnel protection. Doing so could lead to serious injury or
death. This device does not include the self-checking redundant circuitry necessary to allow its use in personnel
safety applications. A sensor failure or malfunction can cause either an energized or de-energized sensor output
condition.
Opposed-Mode Emitter (E) and Receiver (R) Models
Because of their extremely high excess gain, these opposed-mode sensors are an excellent option for sensing
in contaminated or dirty areas, and are also the best choice for long-range sensing.
Range: 60 m (200 ft)
Output Type: SPDT Electro-mechanical relay
Effective Beam: 13 mm
OPPOSED
Infrared, 880 nm
Models
Cable
Excess Gain
Beam Pattern
Q452E Emitter
2-wire 2 m (6.5 ft) cable
1
10
100
1.0 m
3.3 ft
10 m
33 ft
100 m
330 ft
0.1 m
0.33 ft
E
X
C
E
S
S
G
A
I
N
DISTANCE
1000
Q45E/R
Opposed Mode
48 m
160 ft
60 m
200 ft
36 m
120 ft
24 m
80 ft
12 m
40 ft
0
0
0.5 m
1.0 m
1.5 m
0.5 m
1.0 m
1.5 m
0
20 in
40 in
60 in
20 in
40 in
60 in
DISTANCE
Q45E/R
Opposed Mode
Q45VR2R Receiver
5-wire 2 m (6.5 ft) cable
Q452EQ Emitter
3-Pin Mini-style QD
Q45VR2RQ Receiver
5-Pin Mini-style QD
To order the 9 m (30 ft) cable models, add the suffix "W/30" to the cabled model number. (For example: Q452E W/30.) Models with a
quick disconnect (QD) connector require a mating cable.
1 U.S. Patent no. 4356393
Q45VR2 Series Sensors
Original Document
36339 Rev. H
30 January 2017
36339


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn