Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MBCC-312 Datasheet(PDF) 9 Page - Banner Engineering Corp.

Part No. MBCC-312
Description  Q45VR2 Series Sensors
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BANNER [Banner Engineering Corp.]
Homepage  https://www.bannerengineering.com/us/en.html
Logo 

MBCC-312 Datasheet(HTML) 9 Page - Banner Engineering Corp.

 
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Wiring Diagrams
Sensors with Attached Cable
Sensors with Quick-Disconnect 5-Pin Mini-Style (model
suffix Q)
blue
yellow
white
NC
C
NO
brown
black
90–250 V ac
NC
C
NO
blue
yellow
white
brown
black
90–250 V ac
Q452E Emitter with Attached Cable
Q452E Emitter with Quick-Disconnect 3-Pin Mini-Style
(model suffix Q)
brown
blue
90–250 V ac
brown
black
blue
90–250 V ac
Accessories
3-Pin Mini-Style Cordsets
Model
Length
Style
Dimensions
Pinout (Female)
MBCC-306
1.83 m (6.5 ft)
Straight
7/8-16UN-2B
ø 25.5
52 Typ.
2
3
1
1 = Black
2 = Brown
3 = Blue
MBCC-312
3.66 m (12 ft)
MBCC-330
9.14 m (30 ft)
SMICC-306
1.83 m (6.5 ft)
Straight
SMICC-312
3.66 m (12 ft)
SMICC-330
9.14 m (30 ft)
SM30CC-306
1.83 m (6.5 ft)
Straight
1 = Red/Black
2 = Red/White
3 = Green
SM30CC-312
3.66 m (12 ft)
5-Pin Mini-Style Cordsets
Model
Length
Style
Dimensions
Pinout (Female)
MBCC-506
1.83 m (6 ft)
Straight
7/8-16UN-2B
ø 25.5
52 Typ.
1
2
4
3
5
1 = Black
2 = Blue
3 = Yellow
4 = Brown
5 = White
MBCC-512
3.66 m (12 ft)
MBCC-530
9.14 m (30 ft)
Q45VR2 Series Sensors
P/N 36339 Rev. H
www.bannerengineering.com - Tel: +1-763-544-3164
9


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn