Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MBCC-312 Datasheet(PDF) 8 Page - Banner Engineering Corp.

Part No. MBCC-312
Description  Q45VR2 Series Sensors
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BANNER [Banner Engineering Corp.]
Homepage  https://www.bannerengineering.com/us/en.html
Logo 

MBCC-312 Datasheet(HTML) 8 Page - Banner Engineering Corp.

 
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Dimensions
Opposed, Retro, and Diffuse Sensing Modes (Model Suffix E, R, D, DL, DX, LP, and LV)
Cabled Models
Quick-Disconnect Models
54.1 mm
(2.13")
44.5 mm
(1.75")
69.0 mm
(2.72")
87.6 mm
(3.45")
Internal Thread
(1/2–14NPSM)
30.0 mm
(1.18")
ø 6.1 (0.24")
2m (6.5') Cable
7.1 mm
(0.28")
4.5 mm (#10) Screw
Clearance (2)
50.8 mm
(2.00")
6.4 mm (0.25")
Lens Centerline
Transparent Cover (Gasketed)
View: Output Load Status
Open to Access: Sensitivity (Gain)
Adjustment
External thread (M30 x 1.5)
hex nut supplied
External Thread
M30 X 1.5
Mini-style QD Connector
14 mm (0.6")
Convergent Sensor Models
(CV and CV4)
Glass Fiber Optic Models
(F and FV)
Plastic Fiber Optic Models
(FP)
61.7 mm
(2.43")
60.5 mm
(2.38")
59.9 mm
(2.36")
Q45VR2 Series Sensors
8
www.bannerengineering.com - Tel: +1-763-544-3164
P/N 36339 Rev. H


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn