Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SR271K07E Datasheet(PDF) 20 Page - WALSIN TECHNOLOGY CORPORATION

Part No. SR271K07E
Description  High performance transient voltage suppression
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

SR271K07E Datasheet(HTML) 20 Page - WALSIN TECHNOLOGY CORPORATION

Back Button SR271K07E Datasheet HTML 16Page - WALSIN TECHNOLOGY CORPORATION SR271K07E Datasheet HTML 17Page - WALSIN TECHNOLOGY CORPORATION SR271K07E Datasheet HTML 18Page - WALSIN TECHNOLOGY CORPORATION SR271K07E Datasheet HTML 19Page - WALSIN TECHNOLOGY CORPORATION SR271K07E Datasheet HTML 20Page - WALSIN TECHNOLOGY CORPORATION SR271K07E Datasheet HTML 21Page - WALSIN TECHNOLOGY CORPORATION SR271K07E Datasheet HTML 22Page - WALSIN TECHNOLOGY CORPORATION SR271K07E Datasheet HTML 23Page - WALSIN TECHNOLOGY CORPORATION SR271K07E Datasheet HTML 24Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
20
-
A. Bulk Packing:
Disk size
mm
Voltage BDV
Q’ty
pcs/bag
Q’ty
pcs/Carton
5
All
1000
10000
7
All
500
5000
10
180K-471K
500
5000
Above 511K
300
3000
14
180K-751K
300
3000
Above 821K
200
2000
18
All
200
2000
20
180K-621K
100
1000
Above 681K
50
500
25
181K-621K
50
500
Above 681K
30
300
B. Tape and Reel:
Disk
Size
Varistor
Voltage
AMMO BOX
REEL
PCS / BOX
BOX / CARTON
PCS / REEL
REELS / BOX
BOX / CARTON
5
≦431K
1500
10
1500
2
5
5
≧471K
1000
10
1000
2
5
≦431K
1500
10
1500
2
5
≧471K
1000
10
1000
2
5
≦431K
500
10
500
2
5
≧471K
300
10
300
2
5
≦431K
500
8
500
2
5
≧471K
300
8
300
2
5
≦431K
500
8
500
2
5
≧471K
300
8
300
2
5
≦431K
500
8
500
2
5
20
≧471K
300
8
300
2
5
Note: Ammo box and reel quantities may vary. Please contact sales for details.
■ Dimensions of Ammo Box and Reel:
Disk size
A (max.)
B (max.)
C (max.)
50mm
270mm
350mm
50mm
270mm
350mm
70mm
270mm
370mm
70mm
270mm
370mm
18,
70mm
270mm
370mm
■ Taping Code:
Varistor series
Lead spacing
Packing type
Lead type
Straight
Outward crimped
Inward crimped
Inline crimped
5D, 5E
5 mm
Ammo
JNE
JNC
JNC
JNC
Reel
KNE
KNC
KNC
KNC
7D, 7E
5 mm
Ammo
JNE
JNC
JNC
JNC
Reel
KNE
KNC
KNC
KNC
10D, 10E
7.5 mm
Ammo
AMG
AMG
AMD
AMD
Reel
TMG
TMG
YMD
TMD
14D, 14E
7.5 mm
Ammo
AMG
AMG
AMD
AMD
Reel
TMG
TMG
TMD
TMD
18E
7.5 mm
Ammo
AMG
AMG
AMD
AMD
Reel
TMG
TMG
TMD
TMD
20D, 20E
7.5/10 mm
Ammo
AMG
AMG
AMD
AMD
Reel
TMG
TMG
TMD
TMD
For 18E Series, we provide 7.5mm lead spacing only.
W
Reel Dimension
D
A
B
W approx. 50mm
D 350
 max
A approx. 30
B approx. 95
C
B
A
Label
L
W
H
L
approx. 395mm
W approx. 285mm
H approx. 180mm
Carton size of bulk packing
Ammo Dimension


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn