Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SR271K07E Datasheet(PDF) 2 Page - WALSIN TECHNOLOGY CORPORATION

Part No. SR271K07E
Description  High performance transient voltage suppression
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

SR271K07E Datasheet(HTML) 2 Page - WALSIN TECHNOLOGY CORPORATION

  SR271K07E Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION SR271K07E Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION SR271K07E Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION SR271K07E Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION SR271K07E Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION SR271K07E Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION SR271K07E Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION SR271K07E Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION SR271K07E Datasheet HTML 9Page - WALSIN TECHNOLOGY CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
2
Metal Oxide Varistor (MOV)
■ How to Order
E
N
Type Code
Coating
Special
code
E:Epoxy
coating
N: N/A
E
Lead Material
(mm)
A:0.6 CU wire
B:0.8 CU wire
C:1.0 CU wire
D:0.6 CP wire
E:0.8 CP wire
F:1.0 CP wire
N
Lead
space+Tol.
(mm)
5:5.0±0.5
E:5.0±0.8
F:5.0±1.0
7:7.5±0.5
M:7.5±0.8
N:7.5±1.0
R:10.0±0.5
0:10.0±1.0
T:10.0±0.8
2 0 C
Lead Cutting & Taping Code
Taping
Straight lead:
AMG:P=25.4mm, Ammo
TMG:P=25.4mm, Reel
JNE:P=12.7mm, Ammo
KNE:P=12.7mm, Reel
Kink lead:
AMD:P=25.4mm, Ammo
TMD:P=25.4mm, Reel
JNC:P=12.7mm, Ammo
KNC:P=12.7mm, Reel
Bulk
20C:20mm min
25C:20mm min
10A:10.0±0.5mm(kink lead)
10B:10±1mm(straight lead)
03A:3.0±0.5mm(kink lead)
03B:3.±1mm(straight lead)
3EA:3.5±0.5mm(kink lead)
3EB:3.5±1.0mm(straight lead)
S
Lead style
S : Straight Lead
L : Inline
Crimped
O: Outward
Crimped
I : Inward
Crimped
10
Disk Size
code
05:5mm
07:7mm
10:10mm
14:14mm
18:18mm
20:20mm
25:25mm
D
Disk type
D:Standard
E:High Energy
SR:
Walsin
Varistor
SR
241
Varistor
Voltage
(DC volt)
(From 180 to
112)
Two significant
digits
Followed by no.
of zeros
180=18volt
101=100volt
102=1000volt
K
Tolerance
K :±10%
■ Dimensions Quick Reference: If specific item’s dimensions, please contact sales
* ±0.05 ** ±1.0
8.5
9.0
9.0
9.5
Tmax
4.9
4.9
8.5
20.5
24.0
28.0
34.0
H1max
10.0
12.0
17.0
22.5
26.0
29.0
36.5
Hmax
12.5
14.5
19.0
7.5
7.5
10.0
12.7
W**
5.0
5.0
7.5
1.0
1.0
d*
0.6
0.6
0.8
Dmax
7.0
9.5
12.0
0.8
0.8
18E
20D,20E
16.5
20.0
22.5
28.0
(Unit: mm)
25D
Series
5D,5E
7D,7E
10D,10E
14D,14E
Remark:
The lead length (L) is 20mm
minimum unless requested by
customers; please refer to lead
cutting code in
“How to order”.
Inward Crimped
D
T
H
W
d
L
Outward Crimped
D
T
H
1
W
d
L
Inline Crimped
D
T
H
W
d
L
Straight Lead
D
T
H 1
W
d
L


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn