Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SR241K05E Datasheet(PDF) 18 Page - WALSIN TECHNOLOGY CORPORATION

Part # SR241K05E
Description  High performance transient voltage suppression
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

SR241K05E Datasheet(HTML) 18 Page - WALSIN TECHNOLOGY CORPORATION

Back Button SR241K05E Datasheet HTML 14Page - WALSIN TECHNOLOGY CORPORATION SR241K05E Datasheet HTML 15Page - WALSIN TECHNOLOGY CORPORATION SR241K05E Datasheet HTML 16Page - WALSIN TECHNOLOGY CORPORATION SR241K05E Datasheet HTML 17Page - WALSIN TECHNOLOGY CORPORATION SR241K05E Datasheet HTML 18Page - WALSIN TECHNOLOGY CORPORATION SR241K05E Datasheet HTML 19Page - WALSIN TECHNOLOGY CORPORATION SR241K05E Datasheet HTML 20Page - WALSIN TECHNOLOGY CORPORATION SR241K05E Datasheet HTML 21Page - WALSIN TECHNOLOGY CORPORATION SR241K05E Datasheet HTML 22Page - WALSIN TECHNOLOGY CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
18
Environment and Endurance Rating
Characteristics
Test Method and Specifications
Dry Heat
(High Temperature)
JIS-C-5023
Varistors shall be subjected to 125±2°C, for 1000 Hrs in a
thermostatic bath without load and then stored at room ambient
condition for 1 to 2 Hrs. The variation of varistor voltage should be
less than±5%(
VB/VB=±5%) .
Damp Heat
(Humidity)
JIS-C-5023
Varistors shall be subjected to 40±2°C, 90 to 95%R.H. for 1000 Hrs
in a thermostatic bath without load and then stored at room ambient
condition for 1 to 2 Hrs. The variation of varistor voltage should be
less then ±5%(
VB/VB=±5%) .
Cold
(Low Temperature Storage)
JIS-C-5021
Varistors shall be subjected to -40±2°C for 1000 Hrs in a
thermostatic bath without load and then stored at room ambient
condition for 1 to 2 Hrs. The variation of varistor voltage should be
less than ±5%(
VB/VB=±5%).
Temperature Cycle
(Thermal shock)
JIS-C-5030
The temperature cycling listed below shall be repeated 5 times and
the variation of varistor voltage should be less than ±5% and no
outstanding damage visually.
Dry Heat Load
(High Temperature)
JIS-C-5036
Varistors shall be subjected to 85±2°C for 1000 Hrs in a
thermostatic bath with maximum allowable voltage continuously
applied and then stored at room ambient
condition for 1 to 2 Hrs.
The variation of varistor voltage should be less than
±10%( (
VB/VB=±10%)
Step
Temperature(°C)
Time(minutes)
1
-40±2
30±2
2
Room Temp.
3 max.
3
125±2
30±2
4
Room Temp.
3 max.


Similar Part No. - SR241K05E

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
SR24 MOSPEC-SR24 Datasheet
224Kb / 3P
   SCHOTTKY BARRIER RECTIFIERS(2.0A,20-60V)
logo
Pan Jit International I...
SR24 PANJIT-SR24 Datasheet
58Kb / 2P
   MINI SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER(VOLTAGE - 20 to 90 Volts CURRENT - 2.0 Amperes)
logo
Won-Top Electronics
SR24 WTE-SR24 Datasheet
46Kb / 4P
   2.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Pan Jit International I...
SR24 PANJIT-SR24 Datasheet
39Kb / 2P
   MINI SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SR24 PANJIT-SR24 Datasheet
120Kb / 3P
   MINI SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SR241K05E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSMS-2700 AVAGO-HSMS-2700 Datasheet
150Kb / 9P
   High Performance Schottky Diode for Transient Suppression
HBAT-5400 AVAGO-HBAT-5400 Datasheet
199Kb / 8P
   High Performance Schottky Diode for Transient Suppression
logo
Agilent(Hewlett-Packard...
HBAT-5400 HP-HBAT-5400 Datasheet
113Kb / 8P
   High Performance Schottky Diode for Transient Suppression
HSMS-2700 HP-HSMS-2700 Datasheet
120Kb / 8P
   High Performance Schottky Diode for Transient Suppression
logo
Littelfuse
P6KE LITTELFUSE-P6KE Datasheet
139Kb / 5P
   Transient Voltage Suppression Diodes
1KSMB6.8A LITTELFUSE-1KSMB6.8A Datasheet
142Kb / 5P
   Transient Voltage Suppression Diodes
P6SMB LITTELFUSE-P6SMB Datasheet
143Kb / 5P
   Transient Voltage Suppression Diodes
TPSMA6L LITTELFUSE-TPSMA6L Datasheet
1Mb / 6P
   Transient Voltage Suppression Diodes
SMBJ10A-E3 LITTELFUSE-SMBJ10A-E3 Datasheet
144Kb / 5P
   Transient Voltage Suppression Diodes
logo
Shenzhen Luguang Electr...
AK6-058C LUGUANG-AK6-058C Datasheet
678Kb / 2P
   Transient Voltage Suppression Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com