Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADN2525 Datasheet(PDF) 6 Page - Analog Devices

Part No. ADN2525
Description  10.7 Gbps Active Back-Termination, Differential Laser Diode Driver
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

ADN2525 Datasheet(HTML) 6 Page - Analog Devices

Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
ADN2525
Rev. 0 | Page 6 of 16
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
12
11
10
9
GND
IBIAS
IBMON
BSET
1
MSET
2
3
4
GND
ALS
NC
ADN2525
TOP VIEW
PIN 1
INDICATOR
Figure 4. Pin Configuration
Note: The exposed pad on the bottom of the package must be connected to the VCC or GND plane.
Table 3. Pin Function Descriptions
Pin No.
Mnemonic
I/O
Description
1
MSET
Input
Modulation Current Control Input
2
NC
N/A
No Connect—Leave Floating
3
ALS
Input
Automatic Laser Shutdown
4
GND
Power
Negative Power Supply
5
VCC
Power
Positive Power Supply
6
IMODN
Output
Modulation Current Negative Output
7
IMODP
Output
Modulation Current Positive Output
8
VCC
Power
Positive Power Supply
9
GND
Power
Negative Power Supply
10
IBIAS
Output
Bias Current Output
11
IBMON
Output
Bias Current Monitoring Output
12
BSET
Input
Bias Current Control Input
13
VCC
Power
Positive Power Supply
14
DATAP
Input
Data Signal Positive Input
15
DATAN
Input
Data Signal Negative Input
16
VCC
Power
Positive Power Supply
Exposed Pad
Pad
Power
Connect to GND or VCC


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn