Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADN2525 Datasheet(PDF) 4 Page - Analog Devices

Part No. ADN2525
Description  10.7 Gbps Active Back-Termination, Differential Laser Diode Driver
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

ADN2525 Datasheet(HTML) 4 Page - Analog Devices

 
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
ADN2525
Rev. 0 | Page 4 of 16
THERMAL SPECIFICATIONS
Table 2.
Parameter
Min
Typ
Max
Unit
Conditions/Comments
θJ-PAD
2.6
5.8
10.7
°C/W
Thermal resistance from junction to bottom of exposed pad.
θJ-TOP
65
72.2
79.4
°C/W
Thermal resistance from junction to top of package.
IC Junction Temperature
125
°C
90%
10%
ALS
IBIAS
AND IMOD
ALS
ASSERT TIME
ALS
NEGATE TIME
t
t
Figure 2. ALS Timing Diagram
MSET
NC1
ALS
GND
BSET IBMON IBIAS
GND
VCC
IMODP
IMODN
VCC
10nF
10nF
J8
J5
VEE
VEE
TP1
10nF
ADN2525
22
µF
VEE
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
50
50
OSCILLOSCOPE
BIAS TEE: Picosecond Pulse Labs Model 5542-219
Adapter: Pasternack PE-9436 2.92mm female-to-female adapter
Attenuator: Pasternack PE-7046 2.92mm 20dB attenuator
ADAPTER
VBSET
Z0 = 50Ω
Z0 = 25Ω
Z0 = 50Ω
Z0 = 25Ω
Z0 = 50Ω
Z0 = 50Ω
Z0 = 50Ω
Z0 = 50Ω
1k
VEE
VEE
VMSET
GND
GND
GND
TP2
10
70
35
35
10nF
GND
VEE
J2
GND
GND
GND
GND
VCC
VCC
DATAN
DATAP
GND
GND
GND
J3
GND
GND
BIAS TEE
BIAS TEE
ADAPTER
ATTENUATOR
ATTENUATOR
Figure 3. High Speed Characterization Circuit


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn