Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SR271K14D Datasheet(PDF) 23 Page - WALSIN TECHNOLOGY CORPORATION

Part No. SR271K14D
Description  High performance transient voltage suppression
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

SR271K14D Datasheet(HTML) 23 Page - WALSIN TECHNOLOGY CORPORATION

Back Button SR271K14D Datasheet HTML 16Page - WALSIN TECHNOLOGY CORPORATION SR271K14D Datasheet HTML 17Page - WALSIN TECHNOLOGY CORPORATION SR271K14D Datasheet HTML 18Page - WALSIN TECHNOLOGY CORPORATION SR271K14D Datasheet HTML 19Page - WALSIN TECHNOLOGY CORPORATION SR271K14D Datasheet HTML 20Page - WALSIN TECHNOLOGY CORPORATION SR271K14D Datasheet HTML 21Page - WALSIN TECHNOLOGY CORPORATION SR271K14D Datasheet HTML 22Page - WALSIN TECHNOLOGY CORPORATION SR271K14D Datasheet HTML 23Page - WALSIN TECHNOLOGY CORPORATION SR271K14D Datasheet HTML 24Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
23
Ta p i n g S p e c i f i c a t i o n s -
P
P2
F
P0
P1
d
D0
D
h
T11(Ammo Box)
T01(Reel)
L
P
F
P2
D
P0
h
D0
T1U(Ammo Box)
T1N(Reel)
d
P
P0
F
D0
D
P2
h
T08(Ammo Box)
T16(Reel)
d
P
P2
F
D
P0
D0
T43(Ammo Box)
T04(Reel)
△ h
d
Item
Disk Size
20Φ (20D, 20E), 18Φ (18E)
20Φ (20D, 20E)
Lead Spacing 7.5 mm
Lead Spacing 10.0 mm
Taping Code
SAMG, STMG
OAMD,OTMD
IAMD, ITMD LAMD, LTMD SAMG, STMG
OAMD,OTMD
IAMD, ITMD LAMD, LTMD
Body Diameter
D
24Max*
24Max*
24Max*
24Max*
24Max
24Max*
Lead Wire Diameter
d
0.8±0.05
0.8±0.05
0.8±0.05
0.8±0.05
1.0±0.05
0.8±0.05
Pitch of Component
P
25.4±1
25.4±1
25.4±1
25.4±1
25.4±1
25.4±1
Feed Hole Pitch
P0
12.7±0.3
12.7±0.3
12.7±0.3
12.7±0.3
12.7±0.3
12.7±0.3
Hole Center to Component Center
P2
12.7±0.3
12.7±0.3
12.7±0.3
12.7±0.3
12.7±0.3
12.7±0.3
Lead to Lead Distance
(Center to Center)
F
7.5±0.8
7.5±0.8
7.5±0.8
10.0±1.0
10.0±1.0
10.0±1.0
Component Alignment
Δh
2.0Max
2.0Max
2.0Max
2.0Max
2.0Max
2.0Max
Base paper Tape Width
W
18+1.0/-.0.5
18+1.0/-.0.5
18+1.0/-.0.5
18+1.0/-.0.5
18+1.0/-.0.5
18+1.0/-.0.5
Adhesive Tape Width
W0
10Min
10Min
10Min
10Min
10Min
10Min
Hole Position
W1
9±0.5
9±0.5
9±0.5
9±0.5
9±0.5
9±0.5
Adhesive Tape Border
W2
1.5Max
1.5Max
1.5Max
1.5Max
1.5Max
1.5Max
Component Height
H1
48Max*
48Max*
48Max*
48Max*
48Max*
48Max*
Lead-Wire Protrusion
LX
1.0Max
1.0Max
1.0Max
1.0Max
1.0Max
1.0Max
Feed Hole Diameter
D0
4±0.2
4±0.2
4±0.2
4±0.2
4±0.2
4±0.2
Total Tape Thickness
t
< 0.7
< 0.7
< 0.7
< 0.7
< 0.7
< 0.7
Length of Clipped Lead
L
11Max
11Max
11Max
11Max
11Max
11Max
Component Height from Seating Plane
A
29Max*
28Max*
29Max
28Max
Based on EIA-468-B Specification
*
For 18Φ, D=20.0max, H1=46max and A=26max.
All dimensions are in millimeters.
SAMG(Ammo Box )
STMG(Reel)
OAMD(Ammo Box )
OTMD(Reel)
LAMD(Ammo Box )
LTMD(Reel)
IAMD(Ammo Box )
ITMD(Reel)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn