Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SR271K14D Datasheet(PDF) 18 Page - WALSIN TECHNOLOGY CORPORATION

Part No. SR271K14D
Description  High performance transient voltage suppression
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

SR271K14D Datasheet(HTML) 18 Page - WALSIN TECHNOLOGY CORPORATION

Back Button SR271K14D Datasheet HTML 14Page - WALSIN TECHNOLOGY CORPORATION SR271K14D Datasheet HTML 15Page - WALSIN TECHNOLOGY CORPORATION SR271K14D Datasheet HTML 16Page - WALSIN TECHNOLOGY CORPORATION SR271K14D Datasheet HTML 17Page - WALSIN TECHNOLOGY CORPORATION SR271K14D Datasheet HTML 18Page - WALSIN TECHNOLOGY CORPORATION SR271K14D Datasheet HTML 19Page - WALSIN TECHNOLOGY CORPORATION SR271K14D Datasheet HTML 20Page - WALSIN TECHNOLOGY CORPORATION SR271K14D Datasheet HTML 21Page - WALSIN TECHNOLOGY CORPORATION SR271K14D Datasheet HTML 22Page - WALSIN TECHNOLOGY CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
18
Environment and Endurance Rating
Characteristics
Test Method and Specifications
Dry Heat
(High Temperature)
JIS-C-5023
Varistors shall be subjected to 125±2°C, for 1000 Hrs in a
thermostatic bath without load and then stored at room ambient
condition for 1 to 2 Hrs. The variation of varistor voltage should be
less than±5%(
VB/VB=±5%) .
Damp Heat
(Humidity)
JIS-C-5023
Varistors shall be subjected to 40±2°C, 90 to 95%R.H. for 1000 Hrs
in a thermostatic bath without load and then stored at room ambient
condition for 1 to 2 Hrs. The variation of varistor voltage should be
less then ±5%(
VB/VB=±5%) .
Cold
(Low Temperature Storage)
JIS-C-5021
Varistors shall be subjected to -40±2°C for 1000 Hrs in a
thermostatic bath without load and then stored at room ambient
condition for 1 to 2 Hrs. The variation of varistor voltage should be
less than ±5%(
VB/VB=±5%).
Temperature Cycle
(Thermal shock)
JIS-C-5030
The temperature cycling listed below shall be repeated 5 times and
the variation of varistor voltage should be less than ±5% and no
outstanding damage visually.
Dry Heat Load
(High Temperature)
JIS-C-5036
Varistors shall be subjected to 85±2°C for 1000 Hrs in a
thermostatic bath with maximum allowable voltage continuously
applied and then stored at room ambient
condition for 1 to 2 Hrs.
The variation of varistor voltage should be less than
±10%( (
VB/VB=±10%)
Step
Temperature(°C)
Time(minutes)
1
-40±2
30±2
2
Room Temp.
3 max.
3
125±2
30±2
4
Room Temp.
3 max.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn