Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SR271K14D Datasheet(PDF) 15 Page - WALSIN TECHNOLOGY CORPORATION

Part No. SR271K14D
Description  High performance transient voltage suppression
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

SR271K14D Datasheet(HTML) 15 Page - WALSIN TECHNOLOGY CORPORATION

Back Button SR271K14D Datasheet HTML 11Page - WALSIN TECHNOLOGY CORPORATION SR271K14D Datasheet HTML 12Page - WALSIN TECHNOLOGY CORPORATION SR271K14D Datasheet HTML 13Page - WALSIN TECHNOLOGY CORPORATION SR271K14D Datasheet HTML 14Page - WALSIN TECHNOLOGY CORPORATION SR271K14D Datasheet HTML 15Page - WALSIN TECHNOLOGY CORPORATION SR271K14D Datasheet HTML 16Page - WALSIN TECHNOLOGY CORPORATION SR271K14D Datasheet HTML 17Page - WALSIN TECHNOLOGY CORPORATION SR271K14D Datasheet HTML 18Page - WALSIN TECHNOLOGY CORPORATION SR271K14D Datasheet HTML 19Page - WALSIN TECHNOLOGY CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
15
Performance Characteristics
Characteristics
Test Method and Specifications
Standard Test Condition
Temperature range : 5 to 35
C
Relative humidity : 45 to 85% R.H.
Varistor Voltage
Voltage across the varistor measured at
1 mA DC rectangular pulse current
Maximum Allowable Voltage
Maximum continuous sinusoidal rms voltage or DC voltage which may be
applied within the specified environmental temperature range
Maximum Clamping Voltage
Peak voltage across the varistor under condition of a specified standard
impulse current (8/20µs)
Withstanding Surge Current
Maximum current across the varistor measured at a given standard
waveform (8/20µs) applied one time or two times with the varistor
voltage less than ±10%
Rated Transient Average
Power Dissipation
Maximum average power which may be dissipated due to a group of
pulses occurring within a specified isolated time period, without
causing device failure
Maximum Energy
The maximum energy within the varistor
voltage change of ±10% when one impulse
of 2ms or 10/1000µs is applied
Capacitance
(Reference)
Capacitance between the terminals of the varistor measured at 1 kHz,
1 Vrms, zero bias and room temperature (Exception 100pF below
measured at 1MHz)
Temperature
Coefficient of Varistor
Voltage
(V at 85°C -V at 25°C) /( V at 25°C×60)
×100(%/°C) should be less than -0.05%/°C
Withstanding Voltage
(Body insulation)
The specified voltage shall be applied both terminals of the varistor
connected together and metal foil closely wrapped round its body for 1
min without breakdown
Performance Characteristics
Crest value
Time
Impulse width


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn