Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SR271K14D Datasheet(PDF) 9 Page - WALSIN TECHNOLOGY CORPORATION

Part No. SR271K14D
Description  High performance transient voltage suppression
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

SR271K14D Datasheet(HTML) 9 Page - WALSIN TECHNOLOGY CORPORATION

Back Button SR271K14D Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION SR271K14D Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION SR271K14D Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION SR271K14D Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION SR271K14D Datasheet HTML 9Page - WALSIN TECHNOLOGY CORPORATION SR271K14D Datasheet HTML 10Page - WALSIN TECHNOLOGY CORPORATION SR271K14D Datasheet HTML 11Page - WALSIN TECHNOLOGY CORPORATION SR271K14D Datasheet HTML 12Page - WALSIN TECHNOLOGY CORPORATION SR271K14D Datasheet HTML 13Page - WALSIN TECHNOLOGY CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
9
Varistors-25D Series
Typical
Type
Capacitance
Number
ACrms
DC
1 time 2 times
Vc
Ip
2ms 10/1000μs
@1kHz
Volts Volts Min
Max
Volts Amps
PF
SR181K25D
120
160
170
207
18000 12000
300
100
90
180
3900
△ ☆
SR201K25D
130
175
185
225
18000 12000
340
100
100
200
3600
△ ☆
SR221K25D
140
180
198
242
18000 12000
360
100
105
225
3300
△ ☆
SR241K25D
150
200
216
264
18000 12000
395
100
110
235
3050
△ ☆
SR271K25D
180
230
255
311
18000 12000
455
100
120
245
2600
△ ☆
SR301K25D
195
250
270
330
18000 12000
505
100
125
255
2400
△ ☆
SR331K25D
210
275
297
363
18000 12000
545
100
130
270
2200
△ ☆
SR361K25D
230
300
324
396
18000 12000
595
100
160
315
2050
△ ☆
SR391K25D
250
330
351
429
18000 12000
650
100
175
342
1900
△ ☆
SR431K25D
275
370
387
473
18000 12000
710
100
190
370
1700
△ ☆
SR471K25D
300
385
423
517
18000 12000
775
100
200
390
1600
△ ☆
SR511K25D
320
420
459
561
18000 12000
840
100
210
422
1400
△ ☆
SR561K25D
360
470
522
638
18000 12000
910
100
215
460
1200
△ ☆
SR621K25D
390
505
558
682
18000 12000 1025
100
225
495
1800
△ ☆
SR681K25D
420
560
612
748
18000 12000 1120
100
230
515
1100
△ ☆
SR751K25D
460
615
675
825
18000 12000 1240
100
250
530
1000
△ ☆
SR781K25D
485
640
702
858
18000 12000 1290
100
260
540
980
△ ☆
SR821K25D
510
675
738
902
18000 12000 1350
100
270
550
920
△ ☆
SR911K25D
550
745
819 1001 18000 12000 1400
100
300
600
880
△ ☆
SR102K25D
625
825
900 1100 18000 12000 1620
100
340
630
760
△ ☆
SR112K25D
680
895
962 1175 18000 12000 1800
100
390
700
650
△ ☆
Safety
Maximum
Varistor
Withstanding
Max.
Maximum
Allowable
Voltage
Surge
Voltage
Energy
Approval
Voltage
Current
(8/20
mS)
DC Volts
Amps
Joules
(8/20
mS)
Remark:
(1)
△ : UL 1449 recognized (File # E309297).
(2) ☆: cUL (CSA 22.2 #1 certified (File # E309297).
(3)CQC recognized for all part numbers (CQC04001010932)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn