Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SR271K14D Datasheet(PDF) 8 Page - WALSIN TECHNOLOGY CORPORATION

Part No. SR271K14D
Description  High performance transient voltage suppression
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

SR271K14D Datasheet(HTML) 8 Page - WALSIN TECHNOLOGY CORPORATION

Back Button SR271K14D Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION SR271K14D Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION SR271K14D Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION SR271K14D Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION SR271K14D Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION SR271K14D Datasheet HTML 9Page - WALSIN TECHNOLOGY CORPORATION SR271K14D Datasheet HTML 10Page - WALSIN TECHNOLOGY CORPORATION SR271K14D Datasheet HTML 11Page - WALSIN TECHNOLOGY CORPORATION SR271K14D Datasheet HTML 12Page - WALSIN TECHNOLOGY CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
8
Varistors-20D Series
Typical
Type
Capacitance
Number
ACrms
DC
1 time 2 times
Vc
Ip
2ms 10/1000μs
@1kHz
Volts Volts Min
Max
Volts Amps
PF
SR390K20D
25
31
35
43
2000
1000
77
20
24
26
10000
△ ☆ ◇
SR470K20D
30
38
42
52
2000
1000
93
20
30
33
9350
△ ☆ ◇
SR560K20D
35
45
50
62
2000
1000
110
20
35
38
8000
△ ☆ ◇
SR680K20D
40
56
61
75
2000
1000
135
20
40
43
6800
△ ☆ ◇
SR820K20D
50
66
74
90
6500
4000
135
100
37
48
5600
△ ☆ ◇
SR101K20D
60
85
90
110
6500
4000
165
100
38
50
4700
△ ☆ ◇
SR121K20D
75
102
108
132
6500
4000
200
100
40
55
4100
△ ☆ ◇
SR151K20D
95
127
135
165
6500
4000
250
100
50
70
3200
△ ☆ ◇
SR181K20D
120
160
170
207
6500
4000
300
100
60
85
2500
△ ☆ ◇
SR201K20D
130
175
185
225
6500
4000
340
100
70
95
2200
△ ☆ ◇
SR221K20D
140
180
198
242
6500
4000
360
100
75
100
2000
△ ☆ ◇
SR241K20D
150
200
216
264
6500
4000
395
100
82
110
1900
△ ☆ ◇
SR271K20D
180
230
255
311
6500
4000
455
100
90
127
1700
△ ☆ ◇
SR301K20D
195
250
270
330
6500
4000
505
100
100
135
1540
△ ☆ ◇
SR331K20D
210
275
297
363
6500
4000
540
100
110
148
1400
△ ☆ ◇
SR361K20D
230
300
324
396
6500
4000
595
100
120
163
1320
△ ☆ ◇
SR391K20D
250
330
351
429
6500
4000
650
100
130
180
1210
△ ☆ ◇
SR431K20D
275
370
387
473
6500
4000
710
100
140
190
1120
△ ☆ ◇
SR471K20D
300
385
423
517
6500
4000
775
100
150
220
1000
△ ☆ ◇
SR511K20D
320
420
459
561
6500
4000
840
100
152
222
950
△ ☆ ◇
SR561K20D
360
470
522
638
6500
4000
910
100
154
226
900
△ ☆ ◇
SR621K20D
390
505
558
682
6500
4000 1025
100
158
228
770
△ ☆ ◇
SR681K20D
420
560
612
748
6500
4000 1120
100
160
230
700
△ ☆ ◇
SR751K20D
460
615
675
825
6500
4000 1240
100
175
255
640
△ ☆ ◇
SR781K20D
485
640
702
858
6500
4000 1290
100
180
265
590
△ ☆ ◇
SR821K20D
510
675
738
902
6500
4000 1350
100
190
282
510
△ ☆ ◇
SR911K20D
550
745
819 1001
6500
4000 1400
100
215
310
430
△ ☆ ◇
SR102K20D
625
825
900 1100
6500
4000 1620
100
230
342
380
△ ☆ ◇
SR112K20D
680
895
962 1175
6500
4000 1800
100
250
383
340
△ ☆ ◇
Safety
Maximum
Varistor
Withstanding
Max.
Maximum
Allowable
Voltage
Surge
Voltage
Energy
Approval
Voltage
Current
(8/20
mS)
DC Volts
Amps
Joules
(8/20
mS)
Remark:
(1)
△ : UL 1449 recognized (File # E309297).
(2) ☆: cUL (CSA 22.2 #1 certified (File # E309297).
(3) ◇: VDE/CECC 42000/42200/42201, IEC 61051-1/61051-2/61051-2-2 (Certificate # 400010090)
(4)CQC recognized for all part numbers (CQC04001010931)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn