Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SR271K14D Datasheet(PDF) 7 Page - WALSIN TECHNOLOGY CORPORATION

Part No. SR271K14D
Description  High performance transient voltage suppression
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

SR271K14D Datasheet(HTML) 7 Page - WALSIN TECHNOLOGY CORPORATION

Back Button SR271K14D Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION SR271K14D Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION SR271K14D Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION SR271K14D Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION SR271K14D Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION SR271K14D Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION SR271K14D Datasheet HTML 9Page - WALSIN TECHNOLOGY CORPORATION SR271K14D Datasheet HTML 10Page - WALSIN TECHNOLOGY CORPORATION SR271K14D Datasheet HTML 11Page - WALSIN TECHNOLOGY CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
7
Varistors-14D Series
Typical
Type
Capacitance
Number
ACrms
DC
1 time 2 times
Vc
Ip
2ms 10/1000μs
@1kHz
Volts Volts Min
Max
Volts Amps
PF
SR180K14D
11
14
16
20
1000
500
36
10
3.5
4
15000
△ ☆ ◇
SR220K14D
14
18
20
24
1000
500
43
10
4
5
12000
△ ☆ ◇
SR270K14D
17
22
24
30
1000
500
53
10
5
6
8500
△ ☆ ◇
SR330K14D
20
26
30
36
1000
500
65
10
6
7.5
7200
△ ☆ ◇
SR390K14D
25
31
35
43
1000
500
77
10
7
8.6
6300
△ ☆ ◇
SR470K14D
30
38
42
52
1000
500
93
10
8.5
10
5500
△ ☆ ◇
SR560K14D
35
45
50
62
1000
500
110
10
10
11
4800
△ ☆ ◇
SR680K14D
40
56
61
75
1000
500
135
10
12
14
4000
△ ☆ ◇
SR820K14D
50
66
74
90
4500
2250
135
50
15
22
3300
△ ☆ ◇
SR101K14D
60
85
90
110
4500
2250
165
50
20
30
2900
△ ☆ ◇
SR121K14D
75
102
108
132
4500
2250
200
50
22
34
2600
△ ☆ ◇
SR151K14D
95
127
135
165
4500
2250
250
50
30
45
2000
△ ☆ ◇
SR181K14D
120
160
170
207
4500
2250
300
50
33
53
1400
△ ☆ ◇
SR201K14D
130
175
185
225
4500
2250
340
50
38
60
1370
△ ☆ ◇
SR221K14D
140
180
198
242
4500
2250
360
50
40
60
1150
△ ☆ ◇
SR241K14D
150
200
216
264
4500
2250
395
50
45
66
1060
△ ☆ ◇
SR271K14D
180
230
255
311
4500
2250
455
50
52
72
950
△ ☆ ◇
SR301K14D
195
250
270
330
4500
2250
505
50
56
78
890
△ ☆ ◇
SR331K14D
210
275
297
363
4500
2250
545
50
63
87
800
△ ☆ ◇
SR361K14D
230
300
324
396
4500
2250
595
50
70
98
725
△ ☆ ◇
SR391K14D
250
330
351
429
4500
2250
650
50
72
102
665
△ ☆ ◇
SR431K14D
275
370
387
473
4500
2250
710
50
75
115
600
△ ☆ ◇
SR471K14D
300
385
423
517
4500
2250
775
50
80
125
570
△ ☆ ◇
SR511K14D
320
420
459
561
4500
2250
840
50
82
128
530
△ ☆ ◇
SR561K14D
360
470
522
638
4500
2250
910
50
85
139
480
△ ☆ ◇
SR621K14D
390
505
558
682
4500
2250 1025
50
88
142
270
△ ☆ ◇
SR681K14D
420
560
612
748
4500
2250 1120
50
90
142
240
△ ☆ ◇
SR751K14D
460
615
675
825
4500
2250 1240
50
100
143
210
△ ☆ ◇
SR781K14D
485
640
702
858
4500
2250 1290
50
105
148
205
△ ☆ ◇
SR821K14D
510
675
738
902
4500
2250 1350
50
110
157
200
△ ☆ ◇
SR911K14D
550
745
819 1001
4500
2250 1400
50
120
175
175
△ ☆ ◇
SR102K14D
625
825
900 1100
4500
2250 1620
50
130
190
145
△ ☆ ◇
SR112K14D
680
895
962 1175
4500
2250 1800
50
140
215
140
△ ☆ ◇
Safety
Maximum
Varistor
Withstanding
Max.
Maximum
Approval
Allowable
Voltage
Surge
Voltage
Energy
Voltage
Current
(8/20
mS)
DC Volts
Amps
Joules
(8/20
mS)
Remark:
All parts approved as follows:
(1)
△ : UL 1449 recognized (File # E309297).
(2) ☆: cUL (CSA 22.2 #1 certified (File # E309297).
(3) ◇: VDE/CECC 42000/42200/42201, IEC 61051-1/61051-2/61051-2-2 (Certificate #
40010090)
(4) # : VDE/IEC 600950-1, Annex Q (Certificate # 40010090)
(5) CQC recognized for all part numbers (CQC04001010929)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn