Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SR271K14D Datasheet(PDF) 6 Page - WALSIN TECHNOLOGY CORPORATION

Part No. SR271K14D
Description  High performance transient voltage suppression
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

SR271K14D Datasheet(HTML) 6 Page - WALSIN TECHNOLOGY CORPORATION

Back Button SR271K14D Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION SR271K14D Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION SR271K14D Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION SR271K14D Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION SR271K14D Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION SR271K14D Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION SR271K14D Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION SR271K14D Datasheet HTML 9Page - WALSIN TECHNOLOGY CORPORATION SR271K14D Datasheet HTML 10Page - WALSIN TECHNOLOGY CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
6
Varistors-10D Series
Typical
Type
Capacitance
Number
ACrms
DC
1 time 2 times
Vc
Ip
2ms 10/1000μs
@1kHz
Volts Volts Min
Max
Volts Amps
PF
SR180K10D
11
14
16
20
500
250
36
5
1.5
2.1
6000
△ ☆ ◇
SR220K10D
14
18
20
24
500
250
43
5
2
2.5
5000
△ ☆ ◇
SR270K10D
17
22
24
30
500
250
53
5
2.5
3
4000
△ ☆ ◇
SR330K10D
20
26
30
36
500
250
65
5
3
4
3500
△ ☆ ◇
SR390K10D
25
31
35
43
500
250
77
5
3.5
4.6
3100
△ ☆ ◇
SR470K10D
30
38
42
52
500
250
93
5
4.5
5.5
2800
△ ☆ ◇
SR560K10D
35
45
50
62
500
250
110
5
5.5
7
2400
△ ☆ ◇
SR680K10D
40
56
61
75
500
250
135
5
6.5
8.2
2100
△ ☆ ◇
SR820K10D
50
66
74
90
2500
1250
135
25
8
12
1600
△ ☆ ◇
SR101K10D
60
85
90
110
2500
1250
165
25
10
15
1400
△ ☆ ◇
SR121K10D
75
102
108
132
2500
1250
200
25
12
18
1200
△ ☆ ◇
SR151K10D
95
127
135
165
2500
1250
250
25
16
22
1100
△ ☆ ◇
SR181K10D
120
160
170
207
2500
1250
300
25
18.5
27.5
700
△ ☆ ◇
SR201K10D
130
175
185
225
2500
1250
340
25
20
30
640
△ ☆ ◇
SR221K10D
140
180
198
242
2500
1250
360
25
23
32
600
△ ☆ ◇
SR241K10D
150
200
216
264
2500
1250
395
25
25
35
560
△ ☆ ◇
SR271K10D
180
230
255
311
2500
1250
455
25
30
40
500
△ ☆ ◇
SR301K10D
195
250
270
330
2500
1250
505
25
32
42.5
450
△ ☆ ◇
SR331K10D
210
275
297
363
2500
1250
540
25
33.5
44.5
415
△ ☆ ◇
SR361K10D
230
300
324
396
2500
1250
595
25
35
47
380
△ ☆ ◇
SR391K10D
250
330
351
429
2500
1250
650
25
40
60
350
△ ☆ ◇
SR431K10D
275
370
387
473
2500
1250
710
25
45
65
310
△ ☆ ◇
SR471K10D
300
385
423
517
2500
1250
775
25
46
70
280
△ ☆ ◇
SR511K10D
320
420
459
561
2500
1250
840
25
47
71
260
△ ☆ ◇
SR561K10D
360
470
522
638
2500
1250
910
25
48
72
240
△ ☆ ◇
SR621K10D
390
505
558
682
2500
1250
1025
25
49
73
150
△ ☆ ◇
SR681K10D
420
560
612
748
2500
1250
1120
25
50
74
130
△ ☆ ◇
SR751K10D
460
615
675
825
2500
1250
1240
25
51
75
120
△ ☆ ◇
SR781K10D
485
640
702
858
2500
1250
1290
25
52
80
120
△ ☆ ◇
SR821K10D
510
675
738
902
2500
1250
1350
25
55
85
110
△ ☆ ◇
SR911K10D
550
745
819 1001
2500
1250
1400
25
60
93
90
△ ☆ ◇
SR102K10D
625
825
900 1100
2500
1250
1650
25
65
102
80
△ ☆ ◇
SR112K10D
680
895
962 1175
2500
1250
1800
25
70
115
70
△ ☆ ◇
Safety
Maximum
Varistor
Withstanding
Max.
Maximum
Allowable
Voltage
Surge
Voltage
Energy
Approval
Voltage
Current
(8/20
mS)
DC Volts
Amps
Joules
(8/20
mS)
Remark:
All parts approved as follows:
(1)
△ : UL 1449 recognized (File # E309297).
(2) ☆: cUL (CSA 22.2 #1 certified (File # E309297).
(3) ◇: VDE/CECC 42000/42200/42201, IEC 61051-1/61051-2/61051-2-2 (Certificate # 40010090)
(4)CQC recognized for all part numbers (CQC04001010928)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn