Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SR271K14D Datasheet(PDF) 5 Page - WALSIN TECHNOLOGY CORPORATION

Part No. SR271K14D
Description  High performance transient voltage suppression
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

SR271K14D Datasheet(HTML) 5 Page - WALSIN TECHNOLOGY CORPORATION

  SR271K14D Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION SR271K14D Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION SR271K14D Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION SR271K14D Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION SR271K14D Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION SR271K14D Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION SR271K14D Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION SR271K14D Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION SR271K14D Datasheet HTML 9Page - WALSIN TECHNOLOGY CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
5
Varistors-7D Series
Typical
Type
Capacitance
Number
ACrms
DC
1 time 2 times
Vc
Ip
2ms 10/1000μs
@1kHz
Volts Volts Min Max
Volts Amps
PF
SR180K07D
11
14
16
20
250
125
36
2.5
0.8
1
2900
△ ☆ ◇
SR220K07D
14
18
20
24
250
125
43
2.5
0.9
1.3
2400
△ ☆ ◇
SR270K07D
17
22
24
30
250
125
53
2.5
1
1.4
1800
△ ☆ ◇
SR330K07D
20
26
30
36
250
125
65
2.5
1.2
1.7
1500
△ ☆ ◇
SR390K07D
25
31
35
43
250
125
77
2.5
1.5
2.1
1230
△ ☆ ◇
SR470K07D
30
38
42
52
250
125
93
2.5
1.8
2.5
950
△ ☆ ◇
SR560K07D
35
45
50
62
250
125
110
2.5
2.2
3.1
890
△ ☆ ◇
SR680K07D
40
56
61
75
250
125
135
2.5
2.5
3.8
850
△ ☆ ◇
SR820K07D
50
66
74
90
1200
600
135
10
3.5
5.5
830
△ ☆ ◇
SR101K07D
60
85
90
110
1200
600
165
10
4
6.5
730
△ ☆ ◇
SR121K07D
75
102
108 132
1200
600
200
10
5
7.8
570
△ ☆ ◇
SR151K07D
95
127
135 165
1200
600
250
10
6.5
9.7
400
△ ☆ ◇
SR181K07D
120
160
170 207
1200
600
300
10
8.8
12
305
△ ☆ ◇
SR201K07D
130
175
185 225
1200
600
340
10
10
13
275
△ ☆ ◇
SR221K07D
140
180
198 242
1200
600
360
10
11
14
250
△ ☆ ◇
SR241K07D
150
200
216 264
1200
600
395
10
11
16
230
△ ☆ ◇
SR271K07D
180
230
255 311
1200
600
455
10
12
18
205
△ ☆ ◇
SR301K07D
195
250
270 330
1200
600
505
10
13
19
185
△ ☆ ◇
SR331K07D
210
275
297 363
1200
600
540
10
14
20
170
△ ☆ ◇
SR361K07D
230
300
324 396
1200
600
595
10
15
25
155
△ ☆ ◇
SR391K07D
250
330
351 429
1200
600
650
10
17
26
145
△ ☆ ◇
SR431K07D
275
370
387 473
1200
600
710
10
20
28
130
△ ☆ ◇
SR471K07D
300
385
423 517
1200
600
775
10
21
30
115
△ ☆ ◇
SR511K07D
320
420
459 561
1200
600
850
10
23
32
88
△ ☆ ◇
SR561K07D
360
470
522 638
1200
600
960
10
27
39
85
△ ☆ ◇
SR621K07D
390
505
558 682
1200
600
1040
10
29
43
82
△ ☆ ◇
SR681K07D
420
560
612 748
1200
600
1120
10
32
45
78
△ ☆ ◇
Safety
Maximum
Varistor
Withstanding
Max.
Maximum
Allowable
Voltage
Surge
Voltage
Energy
Voltage
Current
(8/20
mS)
Approval
DC Volts
Amps
Joules
(8/20
mS)
Remark:
All parts approved as follows:
(1).
△ : UL 1449 recognized (File # E309297).
(2) ☆: cUL (CSA 22.2 #1 certified (File # E309297).
(3) ◇: VDE/CECC 42000/42200/42201, IEC 61051-1/61051-2/61051-2-2 (Certificate # 40010090)
(4)CQC recognized for all part numbers (CQC04001010927)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn