Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SR220K14D Datasheet(PDF) 15 Page - WALSIN TECHNOLOGY CORPORATION

Part # SR220K14D
Description  High performance transient voltage suppression
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

SR220K14D Datasheet(HTML) 15 Page - WALSIN TECHNOLOGY CORPORATION

Back Button SR220K14D Datasheet HTML 11Page - WALSIN TECHNOLOGY CORPORATION SR220K14D Datasheet HTML 12Page - WALSIN TECHNOLOGY CORPORATION SR220K14D Datasheet HTML 13Page - WALSIN TECHNOLOGY CORPORATION SR220K14D Datasheet HTML 14Page - WALSIN TECHNOLOGY CORPORATION SR220K14D Datasheet HTML 15Page - WALSIN TECHNOLOGY CORPORATION SR220K14D Datasheet HTML 16Page - WALSIN TECHNOLOGY CORPORATION SR220K14D Datasheet HTML 17Page - WALSIN TECHNOLOGY CORPORATION SR220K14D Datasheet HTML 18Page - WALSIN TECHNOLOGY CORPORATION SR220K14D Datasheet HTML 19Page - WALSIN TECHNOLOGY CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
15
Performance Characteristics
Characteristics
Test Method and Specifications
Standard Test Condition
Temperature range : 5 to 35
C
Relative humidity : 45 to 85% R.H.
Varistor Voltage
Voltage across the varistor measured at
1 mA DC rectangular pulse current
Maximum Allowable Voltage
Maximum continuous sinusoidal rms voltage or DC voltage which may be
applied within the specified environmental temperature range
Maximum Clamping Voltage
Peak voltage across the varistor under condition of a specified standard
impulse current (8/20µs)
Withstanding Surge Current
Maximum current across the varistor measured at a given standard
waveform (8/20µs) applied one time or two times with the varistor
voltage less than ±10%
Rated Transient Average
Power Dissipation
Maximum average power which may be dissipated due to a group of
pulses occurring within a specified isolated time period, without
causing device failure
Maximum Energy
The maximum energy within the varistor
voltage change of ±10% when one impulse
of 2ms or 10/1000µs is applied
Capacitance
(Reference)
Capacitance between the terminals of the varistor measured at 1 kHz,
1 Vrms, zero bias and room temperature (Exception 100pF below
measured at 1MHz)
Temperature
Coefficient of Varistor
Voltage
(V at 85°C -V at 25°C) /( V at 25°C×60)
×100(%/°C) should be less than -0.05%/°C
Withstanding Voltage
(Body insulation)
The specified voltage shall be applied both terminals of the varistor
connected together and metal foil closely wrapped round its body for 1
min without breakdown
Performance Characteristics
Crest value
Time
Impulse width


Similar Part No. - SR220K14D

ManufacturerPart #DatasheetDescription
logo
Microdiode Electronics ...
SR220 CHENDA-SR220 Datasheet
486Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Won-Top Electronics
SR220 WTE-SR220 Datasheet
49Kb / 3P
   2.0A SCHOTTKY BARRIER RECTIFIER
logo
HY ELECTRONIC CORP.
SR220 HY-SR220 Datasheet
406Kb / 3P
   Surface Mount Schottky Barrier Recitifiers
logo
Nanjing International G...
SR220 DGNJDZ-SR220 Datasheet
212Kb / 2P
   1.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SR220 SECOS-SR220 Datasheet
102Kb / 2P
   VOLTAGE 20V ~ 100V 2.0 AMP Schottky Barrier Rectifiers
More results

Similar Description - SR220K14D

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSMS-2700 AVAGO-HSMS-2700 Datasheet
150Kb / 9P
   High Performance Schottky Diode for Transient Suppression
HBAT-5400 AVAGO-HBAT-5400 Datasheet
199Kb / 8P
   High Performance Schottky Diode for Transient Suppression
logo
Agilent(Hewlett-Packard...
HBAT-5400 HP-HBAT-5400 Datasheet
113Kb / 8P
   High Performance Schottky Diode for Transient Suppression
HSMS-2700 HP-HSMS-2700 Datasheet
120Kb / 8P
   High Performance Schottky Diode for Transient Suppression
logo
Littelfuse
P6KE LITTELFUSE-P6KE Datasheet
139Kb / 5P
   Transient Voltage Suppression Diodes
1KSMB6.8A LITTELFUSE-1KSMB6.8A Datasheet
142Kb / 5P
   Transient Voltage Suppression Diodes
P6SMB LITTELFUSE-P6SMB Datasheet
143Kb / 5P
   Transient Voltage Suppression Diodes
TPSMA6L LITTELFUSE-TPSMA6L Datasheet
1Mb / 6P
   Transient Voltage Suppression Diodes
SMBJ10A-E3 LITTELFUSE-SMBJ10A-E3 Datasheet
144Kb / 5P
   Transient Voltage Suppression Diodes
logo
Shenzhen Luguang Electr...
AK6-058C LUGUANG-AK6-058C Datasheet
678Kb / 2P
   Transient Voltage Suppression Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com