Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HWD2119 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # HWD2119
Description  350mWAudio Power Amplifier with Shutdown Mode
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

HWD2119 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  HWD2119 Datasheet HTML 1Page - List of Unclassifed Manufacturers HWD2119 Datasheet HTML 2Page - List of Unclassifed Manufacturers HWD2119 Datasheet HTML 3Page - List of Unclassifed Manufacturers HWD2119 Datasheet HTML 4Page - List of Unclassifed Manufacturers HWD2119 Datasheet HTML 5Page - List of Unclassifed Manufacturers HWD2119 Datasheet HTML 6Page - List of Unclassifed Manufacturers HWD2119 Datasheet HTML 7Page - List of Unclassifed Manufacturers HWD2119 Datasheet HTML 8Page - List of Unclassifed Manufacturers HWD2119 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
Absolute Maximum Ratings (Notes 2, 3)
If Military/Aerospace specified devices are required,
please contact the CSMSC Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage
6.0V
Storage Temperature
−65˚C to +150˚C
Input Voltage
−0.3V to V
DD +0.3V
Power Dissipation (P
D) (Note 4)
Internally Limited
ESD Susceptibility (Note 5)
3.5kV
ESD Susceptibility (Note 6)
250V
Junction Temperature (T
J)
150˚C
Soldering Information (Note 1)
Small Outline Package
Vapor Phase (60 seconds)
215˚C
Infrared (15 seconds)
220˚C
Thermal Resistance
θ
JC (MSOP)
56˚C/W
θ
JA (MSOP)
210˚C/W
θ
JC (SOP)
35˚C/W
θ
JA (SOP)
170˚C/W
θ
JA (LLP)
117˚C/W (Note 10)
θ
JA (LLP)
150˚C/W (Note 11)
Operating Ratings (Notes 2, 3)
Temperature Range
T
MIN ≤ TA ≤ TMAX
−40˚C
≤ T
A ≤ 85˚C
Supply Voltage
2.0V
≤ V
CC ≤ 5.5V
Electrical Characteristics V
DD =5V (Notes 2, 3)
The following specifications apply for V
DD = 5V, RL =16Ω unless otherwise stated. Limits apply for TA = 25˚C.
Symbol
Parameter
Conditions
HWD2119
Units
(Limits)
Typical
Limit
(Note 7)
(Notes 8, 9)
I
DD
Quiescent Power Supply Current
V
IN = 0V, Io = 0A
1.5
3.0
mA (max)
I
SD
Shutdown Current
V
PIN1 =VDD (Note 12)
1.0
5.0
µA (max)
V
SDIH
Shutdown Voltage Input High
4.0
V (min)
V
SDIL
Shutdown Voltage Input Low
1.0
V (max)
V
OS
Output Offset Voltage
V
IN = 0V
5
50
mV (max)
P
O
Output Power
THD = 10%, f
IN = 1kHz
350
mW
THD = 10%, f
IN = 1kHz, RL =8Ω
300
mW
THD+N
Total Harmonic Distortion + Noise
P
O = 270mWRMS,AVD =2,fIN =
1kHz
1%
Electrical Characteristics V
DD =3V (Notes 2, 3)
The following specifications apply for V
DD = 3V and RL =16Ω load unless otherwise stated. Limits apply to TA = 25˚C.
Symbol
Parameter
Conditions
HWD2119
Units
(Limits)
Typical
Limit
(Note 7)
(Notes 8, 9)
I
DD
Quiescent Power Supply Current
V
IN = 0V, Io = 0A
1.0
3.0
mA (max)
I
SD
Shutdown Current
V
PIN1 =VDD (Note 12)
0.7
5.0
µA (max)
V
SDIH
Shutdown Voltage Input High
2.4
V (min)
V
SDIL
Shutdown Voltage Input Low
0.6
V (max)
V
OS
Output Offset Voltage
V
IN = 0V
5
50
mV
P
O
Output Power
THD = 10%, f
IN = 1kHz
110
mW
THD = 10%, f
IN = 1kHz, RL =8Ω
90
mW
THD+N
Total Harmonic Distortion + Noise
P
O = 80mWRMS,AVD =2,fIN =
1kHz
1%
2


Similar Part No. - HWD2119

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HWD2111 ETC1-HWD2111 Datasheet
1Mb / 19P
   Dual 105mW Headphone Amplifier with Digital Volume Control and Shutdown Mode
More results

Similar Description - HWD2119

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM4871 SGMICRO-SGM4871 Datasheet
331Kb / 12P
   Audio Power Amplifier with Shutdown Mode
logo
Unisonic Technologies
LM4862 UTC-LM4862 Datasheet
125Kb / 5P
   AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
LM4862 UTC-LM4862_15 Datasheet
153Kb / 4P
   AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
logo
National Semiconductor ...
LM4819 NSC-LM4819 Datasheet
616Kb / 21P
   350mW Audio Power Amplifier with Shutdown Mode
LM4871 NSC-LM4871 Datasheet
243Kb / 8P
   1.1W Audio Power Amplifier with Shutdown Mode
logo
Unisonic Technologies
PA4819 UTC-PA4819_15 Datasheet
285Kb / 7P
   350mW AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
logo
National Semiconductor ...
LM4861 NSC-LM4861_03 Datasheet
276Kb / 12P
   1.1W Audio Power Amplifier with Shutdown Mode
logo
Texas Instruments
LM4871MM TI1-LM4871MM Datasheet
1Mb / 23P
[Old version datasheet]   3W Audio Power Amplifier with Shutdown Mode
LM4861MX TI-LM4861MX Datasheet
892Kb / 20P
[Old version datasheet]   1.1W Audio Power Amplifier with Shutdown Mode
logo
Unisonic Technologies
PA4871 UTC-PA4871 Datasheet
231Kb / 6P
   1.1W AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com