Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SR271K10D Datasheet(PDF) 16 Page - WALSIN TECHNOLOGY CORPORATION

Part No. SR271K10D
Description  High performance transient voltage suppression
Download  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Homepage  http://www.passivecomponent.com/
Logo 

SR271K10D Datasheet(HTML) 16 Page - WALSIN TECHNOLOGY CORPORATION

Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
16
Impulse
Life
The variation of varistor voltage should less than ±10% after
the impulse listed below is applied 10000 times continuously
with the interval of 10 sec at room temperature
Mechanical Ratings
5D
SR180K05D
TO
SR680K05D
0.5A(2ms)
series
SR820K05D
TO
SR471K05D
20A(8/20µS)
7D
SR180K07D
TO
SR680K07D
18A(8/20µS)
series
SR820K07D
TO
SR471K07D
50A(8/20µS)
10D
SR180K10D
TO
SR680K10D
50A(8/20µS)
series
SR820K10D
TO
SR112K10D
100A(8/20µS)
14D
SR180K14D
TO
SR680K14D
75A(8/20µS)
series
SR820K14D
TO
SR112K14D
150A(8/20µS)
20D
SR180K20D
TO
SR680K20D
100A(8/20µS)
series
SR820K20D
TO
SR112K20D
200A(8/20µS)
25D
series
SR181K25D
TO
SR112K25D
720A(8/20μS)
5E
SR180K05E
TO
SR680K05E
2.5A(2ms)
series
SR820K05E
TO
SR471K05E
40A(8/20µS)
7E
SR180K07E
TO
SR680K07E
36A(8/20µS)
series
SR820K07E
TO
SR471k07E
73A(8/20µS)
10E
SR180K10E
TO
SR680K10E
100A(8/20µS)
series
SR820K10E
TO
SR112K10E
150A(8/20µS)
14E
SR180K14E
TO
SR680K14E
150A(8/20µS)
series
SR820K14E
TO
SR112K14E
200A(8/20µS)
20E
series
SR180K20E
TO
SR680K20E
150A(8/20µS)
SR820K20E
TO
SR112K20E
275A(8/20µS)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn